Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM75BIM-5 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM75BIM-5
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75BIM-5 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM75BIM-5 Datasheet HTML 4Page - Texas Instruments LM75BIM-5 Datasheet HTML 5Page - Texas Instruments LM75BIM-5 Datasheet HTML 6Page - Texas Instruments LM75BIM-5 Datasheet HTML 7Page - Texas Instruments LM75BIM-5 Datasheet HTML 8Page - Texas Instruments LM75BIM-5 Datasheet HTML 9Page - Texas Instruments LM75BIM-5 Datasheet HTML 10Page - Texas Instruments LM75BIM-5 Datasheet HTML 11Page - Texas Instruments LM75BIM-5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LM75B, LM75C
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
www.ti.com
LM75C
θJA (thermal resistance, junction-to-ambient) when attached to a printed circuit board with 2 oz. foil similar to
the one shown. Summarized below:
Device Number
Package Number
Thermal Resistance (
θJA)
LM75BIM-3, LM75BIM-5, LM75CIM-3,
D (R-PDSO-G8)
200°C/W
LM75CIM-5
LM75BIMM-3, LM75BIMM-5,
DGK (S-PDSO-G8)
250°C/W
LM75CIMM-3, LM75CIMM-5
Figure 3. Printed Circuit Board Used for Thermal Resistance Specifications
8
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM75B LM75C


Similar Part No. - LM75BIM-5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75BIM-5 NSC-LM75BIM-5 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75BIM-5 NSC-LM75BIM-5 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75BIM-5 TI-LM75BIM-5 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75BIM-5 TI1-LM75BIM-5 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75BIM-5++ MAXIM-LM75BIM-5+ Datasheet
270Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
More results

Similar Description - LM75BIM-5

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com