Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM75C Datasheet(PDF) 7 Page - Texas Instruments

Part # LM75C
Description  Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM75C Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM75C Datasheet HTML 3Page - Texas Instruments LM75C Datasheet HTML 4Page - Texas Instruments LM75C Datasheet HTML 5Page - Texas Instruments LM75C Datasheet HTML 6Page - Texas Instruments LM75C Datasheet HTML 7Page - Texas Instruments LM75C Datasheet HTML 8Page - Texas Instruments LM75C Datasheet HTML 9Page - Texas Instruments LM75C Datasheet HTML 10Page - Texas Instruments LM75C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM75B, LM75C
www.ti.com
SNIS153D – JULY 2009 – REVISED OCTOBER 2015
6.7 I
2C Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VS = 5 Vdc for LM75BIM-5, LM75BIMM-5, LM75CIM-5, and
LM75CIMM-5; and +VS = 3.3 Vdc for LM75BIM-3, LM75BIMM-3, LM75CIM-3, and LM75CIMM-3, CL (load capacitance) on
output lines = 80 pF unless otherwise specified. TA = TJ = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN(1)(2) TYP(3)
MAX(1)(2)
UNIT
t1
SCL (Clock) Period, See Figure 1
–55°C
≤ TA ≤ 125°C
2.5
µs
t2
Data in Set-Up Time to SCL High, See Figure 1
–55°C
≤ TA ≤ 125°C
100
ns
t3
Data Out Stable after SCL Low, See Figure 1
–55°C
≤ TA ≤ 125°C
0
ns
t4
SDA Low Set-Up Time to SCL Low (Start Condition),
ns
–55°C
≤ TA ≤ 125°C
100
See Figure 1
t5
SDA High Hold Time after SCL High (Stop Condition),
ns
–55°C
≤ TA ≤ 125°C
100
See Figure 1
LM75B
–55°C
≤ TA ≤ 125°C
75
325
ms
tTIMEOUT
SDA Time Low for Reset of Serial Interface(4)
Not
LM75C
Applicable
(1)
Limits are specified to AOQL (Average Outgoing Quality Level).
(2)
Timing specifications are tested at the bus input logic levels (Vin(0)=0.3xVA for a falling edge and Vin(1)=0.7xVA for a rising edge) when
the SCL and SDA edge rates are similar.
(3)
Typicals are at TA = 25°C and represent most likely parametric norm.
(4)
Holding the SDA line low for a time greater than tTIMEOUT will cause the LM75B to reset SDA to the IDLE state of the serial bus
communication (SDA set High).
Figure 1. Timing Diagram
Figure 2. Temperature-to-Digital Transfer Function (Non-Linear Scale for Clarity)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM75B LM75C


Similar Part No. - LM75C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75CIM-3 NSC-LM75CIM-3 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75CIM-3 NSC-LM75CIM-3 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75CIM-3 TI-LM75CIM-3 Datasheet
422Kb / 20P
[Old version datasheet]   LM75B LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75CIM-5 NSC-LM75CIM-5 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75CIM-5 NSC-LM75CIM-5 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results

Similar Description - LM75C

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com