Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM57 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM57
Description  LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM57 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM57_15 Datasheet HTML 7Page - Texas Instruments LM57_15 Datasheet HTML 8Page - Texas Instruments LM57_15 Datasheet HTML 9Page - Texas Instruments LM57_15 Datasheet HTML 10Page - Texas Instruments LM57_15 Datasheet HTML 11Page - Texas Instruments LM57_15 Datasheet HTML 12Page - Texas Instruments LM57_15 Datasheet HTML 13Page - Texas Instruments LM57_15 Datasheet HTML 14Page - Texas Instruments LM57_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
±50
±25
0
25
50
75
100
125
150
DUT Temperature (
ƒC)
C102
MAX LImit
MIN Limit
-1
1
3
5
7
9
0
1
2
3
0
1
2
3
TIME (ms)
Tover
|
|
0
2
4
6
8
Vtemp
-50
-10
30
70
110
150
4.9
5.0
5.1
5.2
9.9
10.0
10.1
10.2
TEMPERATURE (
oC)
HYST J4
|
|
-30
10
50
90
130
HYST J5
HYST J2
HYST J3
HYST J2
HYST J3
HYST J4
HYST J5
LM57
www.ti.com
SNIS152E – MAY 2009 – REVISED JULY 2015
Typical Characteristics (continued)
Figure 9. Start-Up Response
Figure 10. Hysteresis vs Temperature
Conditions: J2, VDD=5V
Figure 11. J2 Accuracy Specification Over Temperature
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM57


Similar Part No. - LM57_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Seoul Semiconductor
LM570Z SEOUL-LM570Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LM571 SEOUL-LM571 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM571 SEOUL-LM571 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

Similar Description - LM57_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI1-LM57 Datasheet
1Mb / 40P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
   Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI-TMP300 Datasheet
478Kb / 14P
[Old version datasheet]   1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
   1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
[Old version datasheet]   Resistor-Programmable Temperature Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com