Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7831 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7831
Description  ISO7831 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7831 Datasheet(HTML) 5 Page - Texas Instruments

  ISO7831 Datasheet HTML 1Page - Texas Instruments ISO7831 Datasheet HTML 2Page - Texas Instruments ISO7831 Datasheet HTML 3Page - Texas Instruments ISO7831 Datasheet HTML 4Page - Texas Instruments ISO7831 Datasheet HTML 5Page - Texas Instruments ISO7831 Datasheet HTML 6Page - Texas Instruments ISO7831 Datasheet HTML 7Page - Texas Instruments ISO7831 Datasheet HTML 8Page - Texas Instruments ISO7831 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ISO7831, ISO7831F
www.ti.com
SLLSEP8A – JULY 2015 – REVISED SEPTEMBER 2015
6.4 Thermal Information
DW (SOIC)
THERMAL METRIC(1)
UNIT
16 Pins
RθJA
Junction-to-ambient thermal resistance
78.9
RθJC(top)
Junction-to-case(top) thermal resistance
41.6
RθJB
Junction-to-board thermal resistance
43.6
°C/W
ψJT
Junction-to-top characterization parameter
15.5
ψJB
Junction-to-board characterization parameter
43.1
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Power Rating
VALUE
UNIT
PD
Maximum power dissipation by ISO7831
150
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
PD1
Maximum power dissipation by side-1 of ISO7831
CL = 15 pF, input a 50 MHz 50% duty cycle
50
mW
square wave
PD2
Maximum power dissipation by side-2 of ISO7831
100
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7831 ISO7831F


Similar Part No. - ISO7831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7831 TI1-ISO7831 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7831DW TI1-ISO7831DW Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7831DWR TI1-ISO7831DWR Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7831DWW TI1-ISO7831DWW Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7831DWWR TI1-ISO7831DWWR Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
More results

Similar Description - ISO7831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7830 TI1-ISO7830 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
ISO7830 TI-ISO7830_15 Datasheet
1Mb / 32P
[Old version datasheet]   ISO7830 High-Performance, 8000 VPK Reinforced Triple Digital Isolators
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
[Old version datasheet]   High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com