Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F72T Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F72T
Description  28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F72T Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F72T Datasheet HTML 1Page - Microchip Technology PIC16F72T Datasheet HTML 2Page - Microchip Technology PIC16F72T Datasheet HTML 3Page - Microchip Technology PIC16F72T Datasheet HTML 4Page - Microchip Technology PIC16F72T Datasheet HTML 5Page - Microchip Technology PIC16F72T Datasheet HTML 6Page - Microchip Technology PIC16F72T Datasheet HTML 7Page - Microchip Technology PIC16F72T Datasheet HTML 8Page - Microchip Technology PIC16F72T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
 2002 Microchip Technology Inc.
DS39597B-page 1
M
PIC16F72
Device Included:
• PIC16F72
High Performance RISC CPU:
• Only 35 single word instructions to learn
• All single cycle instructions except for program
branches, which are two-cycle
• Operating speed: DC - 20 MHz clock input
DC - 200 ns instruction cycle
• 2K x 14 words of Program Memory,
128 x 8 bytes of Data Memory (RAM)
• Pinout compatible to PIC16C72/72A and
PIC16F872
• Interrupt capability
• Eight-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
Peripheral Features:
• High Sink/Source Current: 25 mA
• Timer0: 8-bit timer/counter with 8-bit prescaler
• Timer1: 16-bit timer/counter with prescaler,
can be incremented during SLEEP via external
crystal/clock
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Capture, Compare, PWM (CCP) module
- Capture is 16-bit, max. resolution is 12.5 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10-bit
• 8-bit, 5-channel analog-to-digital converter
• Synchronous Serial Port (SSP) with
SPI™ (Master/Slave) and I2C™ (Slave)
• Brown-out detection circuitry for
Brown-out Reset (BOR)
CMOS Technology:
• Low power, high speed CMOS FLASH technology
• Fully static design
• Wide operating voltage range: 2.0V to 5.5V
• Industrial temperature range
• Low power consumption:
- < 0.6 mA typical @ 3V, 4 MHz
-20
µA typical @ 3V, 32 kHz
-< 1
µA typical standby current
Pin Diagrams
Special Microcontroller Features:
• 1,000 erase/write cycle FLASH program memory
typical
• Power-on Reset (POR), Power-up Timer (PWRT)
and Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip
RC oscillator for reliable operation
• Programmable code protection
• Power saving SLEEP mode
• Selectable oscillator options
• In-Circuit Serial Programming™ (ICSP™) via 2 pins
• Processor read access to program memory
MCLR/VPP
RA0/AN0
RA1/AN1
RA2/AN2
RA3/AN3/VREF
RA4/T0CKI
RA5/AN4/SS
VSS
OSC1/CLKI
OSC2/CLKO
RC0/T1OSO/T1CKI
RC1/T1OSI
RC2/CCP1
RC3/SCK/SCL
RB7/PGD
RB6/PGC
RB5
RB4
RB3
RB2
RB1
RB0/INT
VDD
VSS
RC7
RC6
RC5/SDO
RC4/SDI/SDA
• 1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PDIP, SOIC, SSOP
QFN
2
3
4
5
6
1
7
RA2/AN2
RA3/AN3/VREF
RA4/T0CKI
RA5/AN4/SS
VSS
OSC1/CLKI
OSC2/CLKO
15
16
17
18
19
20
21
RB3
RB2
RB1
RB0/INT
VDD
VSS
RC7
23
24
25
26
27
28
22
10 11
8 9
12 13 14
PIC16F72
28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter


Similar Part No. - PIC16F72T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F72T MICROCHIP-PIC16F72T Datasheet
1Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72T MICROCHIP-PIC16F72T Datasheet
1Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
More results

Similar Description - PIC16F72T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F72-ISS MICROCHIP-PIC16F72-ISS Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72-E MICROCHIP-PIC16F72-E Datasheet
1Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72 MICROCHIP-PIC16F72_07 Datasheet
2Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16LF72-I MICROCHIP-PIC16LF72-I Datasheet
1Mb / 136P
   28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F872 MICROCHIP-PIC16F872_06 Datasheet
2Mb / 168P
   28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
2006
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
   28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
   8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
logo
Holtek Semiconductor In...
HT66F0182 HOLTEK-HT66F0182 Datasheet
6Mb / 116P
   A/D 8-Bit Flash MCU
logo
Microchip Technology
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
   28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com