Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1400A-D Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP1400A-D
Description  100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP1400A-D Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP1400A
http://onsemi.com
5
100
60
80
40
20
0
20
0
40
60
80
100
3.0
3.2
2.6
2.8
2.4
3.4
60
0
2.0
100
1.9
40
20
IO, OUTPUT CURRENT (mA)
1.8
IO, OUTPUT CURRENT (mA)
Figure 2. NCP1400ASN19T1 Output Voltage
vs. Output Current
Figure 3. NCP1400ASN30T1 Output Voltage
vs. Output Current
0
6.0
5.5
5.0
80
60
40
4.5
4.0
3.5
20
100
Figure 4. NCP1400ASN50T1 Output Voltage
vs. Output Current
IO, OUTPUT CURRENT (mA)
Figure 5. NCP1400ASN19T1 Efficiency vs.
Output Current
IO, OUTPUT CURRENT (mA)
Figure 6. NCP1400ASN30T1 Efficiency vs.
Output Current
IO, OUTPUT CURRENT (mA)
Figure 7. NCP1400ASN50T1 Efficiency vs.
Output Current
IO, OUTPUT CURRENT (mA)
2.1
060
40
20
80
100
080
60
40
20
100
080
60
40
100
20
20
80
40
0
100
080
60
40
20
100
VIN= 1.5 V
1.7
1.6
60
80
VIN= 0.9 V
VIN= 1.2 V
VIN= 1.5 V
VIN= 0.9 V
VIN= 1.2 V
VIN= 2.0 V
VIN= 1.5 V
VIN= 0.9 V
VIN= 1.2 V
VIN= 1.5 V
VIN= 0.9 V
VIN= 2.0 V
VIN= 3.0 V
VIN= 1.2 V
VIN= 0.9 V
VIN= 2.0 V
VIN= 2.5 V
VIN= 1.5 V
VIN= 3.0 V
VIN= 0.9 V
VIN= 2.0 V
VIN= 1.5 V
NCP1400ASN19T1
L = 22
mH
TA = 25°C
NCP1400ASN30T1
L = 22
mH
TA = 25°C
NCP1400ASN50T1
L = 22
mH
TA = 25°C
NCP1400ASN19T1
L = 22
mH
TA = 25°C
NCP1400ASN50T1
L = 22
mH
TA = 25°C
NCP1400ASN30T1
L = 22
mH
TA = 25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn