Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89S51 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89S51
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S51 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89S51 Datasheet HTML 4Page - ATMEL Corporation AT89S51 Datasheet HTML 5Page - ATMEL Corporation AT89S51 Datasheet HTML 6Page - ATMEL Corporation AT89S51 Datasheet HTML 7Page - ATMEL Corporation AT89S51 Datasheet HTML 8Page - ATMEL Corporation AT89S51 Datasheet HTML 9Page - ATMEL Corporation AT89S51 Datasheet HTML 10Page - ATMEL Corporation AT89S51 Datasheet HTML 11Page - ATMEL Corporation AT89S51 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
AT89S51
2487A–10/01
Power Off Flag: The Power Off Flag (POF) is located at bit 4 (PCON.4) in the PCON SFR.
POF is set to “1” during power up. It can be set and rest under software control and is not
affected by reset.
Memory
Organization
MCS-51 devices have a separate address space for Program and Data Memory. Up to 64K
bytes each of external Program and Data Memory can be addressed.
Program Memory
If the EA pin is connected to GND, all program fetches are directed to external memory.
On the AT89S51, if EA is connected to V
CC, program fetches to addresses 0000H through
FFFH are directed to internal memory and fetches to addresses 1000H through FFFFH are
directed to external memory.
Data Memory
The AT89S51 implements 128 bytes of on-chip RAM. The 128 bytes are accessible via direct
and indirect addressing modes. Stack operations are examples of indirect addressing, so the
128 bytes of data RAM are available as stack space.
Watchdog
Timer
(One-time
Enabled with
Reset-out)
The WDT is intended as a recovery method in situations where the CPU may be subjected to
software upsets. The WDT consists of a 14-bit counter and the Watchdog Timer Reset
(WDTRST) SFR. The WDT is defaulted to disable from exiting reset. To enable the WDT, a
user must write 01EH and 0E1H in sequence to the WDTRST register (SFR location 0A6H).
When the WDT is enabled, it will increment every machine cycle while the oscillator is running.
The WDT timeout period is dependent on the external clock frequency. There is no way to dis-
able the WDT except through reset (either hardware reset or WDT overflow reset). When
WDT overflows, it will drive an output RESET HIGH pulse at the RST pin.
Using the WDT
To enable the WDT, a user must write 01EH and 0E1H in sequence to the WDTRST register
(SFR location 0A6H). When the WDT is enabled, the user needs to service it by writing 01EH
and 0E1H to WDTRST to avoid a WDT overflow. The 14-bit counter overflows when it reaches
16383 (3FFFH), and this will reset the device. When the WDT is enabled, it will increment
every machine cycle while the oscillator is running. This means the user must reset the WDT
at least every 16383 machine cycles. To reset the WDT the user must write 01EH and 0E1H
to WDTRST. WDTRST is a write-only register. The WDT counter cannot be read or written.
When WDT overflows, it will generate an output RESET pulse at the RST pin. The RESET
pulse duration is 98xTOSC, where TOSC=1/FOSC. To make the best use of the WDT, it
Table 3. AUXR1: Auxiliary Register 1
AUXR1
Address = A2H
Reset Value = XXXXXXX0B
Not Bit
Addressable
––––
DPS
Bit
7654
3
2
1
0
Reserved for future expansion
DPS
Data Pointer Register Select
DPS
0
Selects DPTR Registers DP0L, DP0H
1
Selects DPTR Registers DP1L, DP1H


Similar Part No. - AT89S51

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S51 ATMEL-AT89S51 Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51 Datasheet
496Kb / 31P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51-24AC ATMEL-AT89S51-24AC Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51-24AI ATMEL-AT89S51-24AI Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51-24AU ATMEL-AT89S51-24AU Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
More results

Similar Description - AT89S51

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S51 ATMEL-AT89S51_05 Datasheet
416Kb / 32P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT89S51 ATMEL-AT89S51_08 Datasheet
496Kb / 31P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
AT90S4414 ATMEL-AT90S4414 Datasheet
736Kb / 10P
   8-Bit Microcontroller with 4K bytes In-System Programmable Flash
ATTINY45 ATMEL-ATTINY45 Datasheet
300Kb / 25P
   8-bit Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT90S2333 ATMEL-AT90S2333 Datasheet
323Kb / 13P
   8-bit Microcontroller with 2K/4K bytes In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A_10 Datasheet
703Kb / 22P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
AT89LP428 ATMEL-AT89LP428 Datasheet
4Mb / 149P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
ATTINY2313A ATMEL-ATTINY2313A Datasheet
635Kb / 20P
   8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
ATTINY40 ATMEL-ATTINY40 Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com