Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R0-NBC-U3PK-GP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # R0-NBC-U3PK-GP
Description  Movable Fan Aluminum Cooling Pad
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R0-NBC-U3PK-GP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  R0-NBC-U3PK-GP Datasheet HTML 1Page - List of Unclassifed Manufacturers R0-NBC-U3PK-GP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EAN Code
4719512042885 (PK) / 4719512042878 (PS)
4719512044285 (PT)
UPC Code
884102022050 (PK) / 884102022043 (PS)
884102023415 (PT)
Package
Dimensions
469 x 97 x 366 mm (18.5 x 3.82 x 14.4 inch)
Carton
Dimensions
514 x 486 x 395mm (20.2 x 19.1 x 15.6 inch)
Unit / Carton
5
Carton/ Pallet
20
Unit / Pallet
100
Package Information


Similar Description - R0-NBC-U3PK-GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R9-NBC-U2PK-GP ETC2-R9-NBC-U2PK-GP Datasheet
570Kb / 2P
   Movable Fan Aluminum Cooling Pad
R9-NBC-XL2K-GP ETC2-R9-NBC-XL2K-GP Datasheet
454Kb / 2P
   Slim Laptop Cooling Pad
R9-NBS-ESEEK-GP ETC2-R9-NBS-ESEEK-GP Datasheet
430Kb / 2P
   Ergonomic Laptop Cooling Pad
R9-NBC-XS2K-GP ETC2-R9-NBC-XS2K-GP Datasheet
490Kb / 2P
   Slim Laptop Cooling Pad
R9-NBS-E32K-GP ETC2-R9-NBS-E32K-GP Datasheet
616Kb / 2P
   Ergonomic Laptop Cooling Pad
R9-NBC-LXLK-GP ETC2-R9-NBC-LXLK-GP Datasheet
223Kb / 2P
   Massive 230mm Laptop Cooling Pad
logo
Dubilier
DBF12025B12H DUBILIER-DBF12025B12H Datasheet
142Kb / 1P
   DC COOLING FAN 120x120x25mm
DBF8025B115MT DUBILIER-DBF8025B115MT Datasheet
130Kb / 1P
   AC COOLING FAN 80x80x25mm
DBF17250B115MT DUBILIER-DBF17250B115MT Datasheet
181Kb / 1P
   AC COOLING FAN 172x150x50mm
DBF6025B12H DUBILIER-DBF6025B12H Datasheet
128Kb / 1P
   DC COOLING FAN 60x60x25mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com