Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2014 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # L2014
Description  Liquid Crystal Display Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L2014 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button L2014 Datasheet HTML 3Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 4Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 5Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 6Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 7Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 8Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 9Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 10Page - List of Unclassifed Manufacturers L2014 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6
For logic: typ.
mA, max.
mA
For LC drive: typ.
mA, max.
mA
Others (
) : typ.
mA, max.
mA
CHECK LIST FOR CUSTOM DESIGNED LCD MODULE
1. Company
2. Application
3. Customer Specified Part No.
6. Display Contents
Internal
External
Unnecessary
Compensation range:
0
°C to 50°C
°C to
°C
20. Schedule
Character type:
characters
lines
Character font
x
dots + cursor
Character pitch
x
mm
Dot pitch
x
mm
Dot size
x
mm
Graphics (Full dot) type:
x
dots
Dot pitch
x
mm
Dot size
x
mm
Segment type:
digits
lines
Others
12. Current Consumption
13. Contrast Adjustment
8. Driving Method
Multiplexing:1/
duty, 1/
bias
Frame frequency:
Hz
A x B : Module size
x
mm
E x F : Viewing area
x
mm
P x Q : Active display area
x
mm
C : Length between mounting holes
mm
D : Length between mounting holes
mm
M : Diameter of mounting hole
mm
H : Total thickness
mm
H1 : Upper thickness
mm
H2 : Lower thickness
mm
Viewing angle:
6 o'clock
12 o'clock
o'clock
Type:
TN
FSTN (Black and white)
STN (
Yellow green
Gray
Blue)
Chromaticity coordinates
(
≤ x ≤
,
≤ y ≤
)
Positive type
Negative type
Reflective
Transflective
Transmissive
Others
Gray scale:
Yes
gray scale
No
Preferential specifications:
Response time ton
ms (
°C) toff
ms (
°C)
Viewing angle
deg. (
°C)
Contrast
(
°C)
Others
LCD surface finishing:
Normal
Anti-glare
Polarizer color:
Normal (neutral gray)
Red
Green
Blue
9. IC
LCD driver:
Specified
Unspecified
Segment driver
(Manufacturer
)
Common driver
(Manufacturer
)
Controller:
Internal
External
Type No.
(Manufacturer
)
MPU:
Internal
External
Type No.
(Manufacturer
)
RAM:
Internal
External
Type No. /Memory size
(Kbit) (Manufacturer
)
Single power supply:
5V
V
2 power supplies
For logic: (VDD-VSS) :
5V
V
For LC drive: (VLC-VSS) :
V
15. Input/Output Terminals
Specifying allocation:
Yes
No
Specifying position:
Yes
No
Internal
External
Unnecessary
Method:
Temp. compensation circuit
Volume
Estimate:
Sample: Delivery
, Quantity:
pcs
Mass production: Target price:
Delivery
, Total quantity:
pcs
Quantity per month
pcs
17. Connector
Internal
External
Unnecessary
Type No.
(Manufacturer
)
18. Backlight
19. Others
Internal
External
Unnecessary
EL:
Green
White
LED:
Yellow green
Amber
CFL:
White
Incandescent lamp
Others
Backlight type
Edge backlight type
Brightness:
cd/m2
Inverter:
Internal
External
Unnecessary
Power supply voltage
V
Current consumption (backlight included)
mA
Brightness control:
Yes
No
A
C
P
E
H1
H2
H
M
4. Design
New
Modified : Manufacturer
, Part No.
, Remarks
Equivalent: Manufacturer
, Part No.
, Remarks
5. LCM Dimensions
7. LCD Panel
10. Power Supply
11. Temperature Compensation Circuit
14. Temperature Range
Operating temperature range:
0
°C to 50°C
°C to
°C
Storage temperature range:
- 20
°C to 60°C
°C to
°C
16. Weight
typ.
g, max.
g


Similar Part No. - L2014

ManufacturerPart #DatasheetDescription
logo
C&K Components
L201 CK-COMPONENTS-L201 Datasheet
329Kb / 6P
   Miniature Slide Switches
L201 CK-COMPONENTS-L201 Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
logo
List of Unclassifed Man...
L2010 ETC2-L2010 Datasheet
70Kb / 2P
   STANDARD AND CUSTOM
logo
Vishay Siliconix
L2010 VISHAY-L2010 Datasheet
161Kb / 5P
   SMD Wraparound Ultra Low Value Thin Film Resistors
01-Jan-2022
logo
Superworld Electronics
L2012101R0M-10 SUPERWORLD-L2012101R0M-10 Datasheet
376Kb / 6P
   FERRITE CHIP INDUCTORS
More results

Similar Description - L2014

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
logo
AZ Displays
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com