Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG200CJ Datasheet(PDF) 6 Page - Harris Corporation

Part # DG200CJ
Description  CMOS Dual/Quad SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

DG200CJ Datasheet(HTML) 6 Page - Harris Corporation

  DG200CJ Datasheet HTML 1Page - Harris Corporation DG200CJ Datasheet HTML 2Page - Harris Corporation DG200CJ Datasheet HTML 3Page - Harris Corporation DG200CJ Datasheet HTML 4Page - Harris Corporation DG200CJ Datasheet HTML 5Page - Harris Corporation DG200CJ Datasheet HTML 6Page - Harris Corporation DG200CJ Datasheet HTML 7Page - Harris Corporation DG200CJ Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
9-18
DG200, DG201
Test Circuits
FIGURE 5.
FIGURE 6.
FIGURE 7.
0V
3V
LOGIC
INPUT
ANALOG
INPUT 10V
2k
10pF
VOUT
1k
NOTE: All channels are turned off by high “1” logic inputs and
all channels are turned on by low “0” inputs; however 0.8V to
2.4V describes the minimum range for switching properly.
Peak input current required for transition is typically -120
µA.
0V
3V
LOGIC
INPUT
ANALOG
INPUT 10V
10,000pF
VOUT
VOUT
100
2VP-P AT 1MHz
LOGIC
INPUT *
51
* Pull Down Resistor must be
2k.
Typical Applications
Using the VREF Terminal
The DG200 and DG201 have an internal voltage divider set-
ting the TTL threshold on the input control lines for V+ equal
to +15V. The schematic shown in Figure 8 with nominal
resistor values, gives approximately 2.4V on the VREF pin.
As the TTL input signal goes from +0.8V to +2.4V, Q1 and
Q2 switch states to turn the switch ON and OFF.
FIGURE 8.
V+ (+15V)
Q1
31k
VREF
6k
REXT
Q2
GATE
PROTECTION
RESISTOR
INPUT
If the power supply voltage is less than +15V, then a resistor
must be added between V+ and the VREF pin, to restore
+2.4V at VREF. The table shows the value of this resistor for
various supply voltages, to maintain TTL compatibility. If
CMOS logic levels on a +5V supply are being used, the
threshold shifts are less critical, but a separate column of
suitable values is given in the table. For logic swings of -5V
to + 5V, no resistor is needed.
In general, the “low” logic level should be <0.8V to prevent
Q1 and Q2 from both being ON together (this will cause
incorrect switch function).
TABLE 1.
V+ SUPPLY (V)
TTL RESISTOR
(k
Ω)
CMOS RESISTOR
(k
Ω)
+15
-
-
+12
100
-
+10
51
-
+9
(34)
34
+8
(27)
27
+7
18
18


Similar Part No. - DG200CJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG200CJ INTERSIL-DG200CJ Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
More results

Similar Description - DG200CJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com