Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLAS3257 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NLAS3257
Description  Mux / Demux Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3257 Datasheet(HTML) 4 Page - ON Semiconductor

  NLAS3257 Datasheet HTML 1Page - ON Semiconductor NLAS3257 Datasheet HTML 2Page - ON Semiconductor NLAS3257 Datasheet HTML 3Page - ON Semiconductor NLAS3257 Datasheet HTML 4Page - ON Semiconductor NLAS3257 Datasheet HTML 5Page - ON Semiconductor NLAS3257 Datasheet HTML 6Page - ON Semiconductor NLAS3257 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NLAS3257
www.onsemi.com
4
AC ELECTRICAL CHARACTERISTICS
Table 5. TIMING/FREQUENCY (Typical: T = 25
°C, VCC = 3.3 V, RL = 50 W, CL = 5 pF, f = 1 MHz)
Symbol
Parameter
Test Condition
VCC (V)
TA = −405C to +855C
Unit
Min
Typ
Max
tPD
Propagation Delay,
A to Bn or Bn to A
1.65 − 4.5
0.25
ns
tON
Turn−ON Time
(See Figures 4 and 5)
1.65 − 4.5
12
30
ns
tOFF
Turn−OFF Time
(See Figures 4 and 5)
1.65 − 4.5
8.0
25
ns
tBBM
Break−Before−Make Time
(See Figure 3)
1.65 − 4.5
2.0
ns
BW
−3 dB Bandwidth
CL = 5 pF
1.65 − 4.5
900
MHz
Table 6. ISOLATION (Typical: T = 25
°C, VCC = 3.3 V, RL = 50 W, CL = 5 pF)
Symbol
Parameter
Test Condition
VCC (V)
TA = −405C to +855C
Unit
Min
Typ
Max
OIRR
OFF−Isolation
f = 240 MHz
(See Figure 6)
1.65 − 4.5
−21
dB
XTALK
Non−Adjacent Channel
Crosstalk
f = 240 MHz
1.65 − 4.5
−21
dB
Table 7. CAPACITANCE (Typical: T = 25
°C, VCC = 3.3 V, f = 1 MHz)
Symbol
Parameter
Test Condition
TA = −405C to +855C
Unit
Min
Typ
Max
CIN
Control Input Capacitance
S pin
2.0
pF
CON
ON Capacitance
Switch ON
A to B0
A to B1
7.5
pF
COFF
OFF Capacitance
Switch OFF
B0 OFF
B1 OFF
2.5
pF


Similar Part No. - NLAS3257

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257A/D ONSEMI-NLAS3257A/D Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257AMU3TCG ONSEMI-NLAS3257AMU3TCG Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257CMX2TCG ONSEMI-NLAS3257CMX2TCG Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3257CMX3TCG ONSEMI-NLAS3257CMX3TCG Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
More results

Similar Description - NLAS3257

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
   Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
Analog Devices
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
REV. 0
ON Semiconductor
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053_06 Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
   2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053 ONSEMI-NLAS1053_15 Datasheet
113Kb / 10P
   2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz