Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NLAS3257 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NLAS3257
Description  Mux / Demux Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS3257 Datasheet(HTML) 3 Page - ON Semiconductor

  NLAS3257 Datasheet HTML 1Page - ON Semiconductor NLAS3257 Datasheet HTML 2Page - ON Semiconductor NLAS3257 Datasheet HTML 3Page - ON Semiconductor NLAS3257 Datasheet HTML 4Page - ON Semiconductor NLAS3257 Datasheet HTML 5Page - ON Semiconductor NLAS3257 Datasheet HTML 6Page - ON Semiconductor NLAS3257 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NLAS3257
www.onsemi.com
3
Table 3. DC ELECTRICAL CHARACTERISTICS (Typical: T = 25
°C, VCC = 3.3 V)
Symbol
Parameter
Test Conditions
VCC (V)
TA = −405C to +855C
Unit
Min
Typ
Max
VIH
Control Input, High Voltage
(S Pin)
2.7
3.3
4.2
0.8
1.0
1.25
V
VIL
Control Input, Low Voltage
(S Pin)
2.7
3.3
4.2
0.3
0.4
0.5
V
IIN
Control Input, Leakage
Current (S Pin)
0
≤ VIN ≤ VCC
1.65 − 4.5
±0.5
±1.0
mA
IB0/B1_OFF
Off State Leakage Current
(B0/B1 Pins)
VIN = VIL or VIH
VB0 and VB1 = 0.3 V
VA = 4 V
4.5
±20
±100
nA
IA_ON
On State Leakage Current
(A Pin)
VIN = VIL or VIH
VB0 = 0.3 V or 4 V with
VB1 = Floating
or
VB1 = 0.3 V or 4 V with
VB0 = Floating
VA = 0.3 V or 4.0 V
4.5
±20
±100
nA
IPower_OFF
Power Off Leakage
Current (S Pin)
VIN = 0 or 4.5 V
0
±100
nA
ICC
Quiescent Supply Current
(VCC Pin)
VIN = VCC or GND,
VIS = VCC or GND,
ILoad = 0 A
1.65 − 4.5
0.1
1.0
mA
DICC
Additional Quiescent
Supply Current (VCC Pin)
VIN = VCC or GND,
VIS = VCC or GND,
ILoad = 0 A
3.3
4.2
2.0
3.0
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 4. ON RESISTANCE (Typical: T = 25
°C)
Symbol
Parameter
Test Conditions
VCC (V)
TA = −405C to +855C
Unit
Min
Typ
Max
RON
ON−Resistance
ION = 8 mA,
VIS = 0 V to VCC
2.7
3.3
4.2
9.3
8.7
7.5
W
RFLAT
ON−Resistance Flatness
ION = 8 mA,
VIS = 0 V to VCC
2.7
3.3
4.2
3.6
3.3
2.9
W
DRON
Delta ON− Resistance
ION = 8 mA,
VIS = 0 V to VCC
2.7
3.3
4.2
0.8
0.7
0.5
W


Similar Part No. - NLAS3257

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NLAS3257A ONSEMI-NLAS3257A Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257A/D ONSEMI-NLAS3257A/D Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257AMU3TCG ONSEMI-NLAS3257AMU3TCG Datasheet
190Kb / 8P
   Mux / Demux Analog Switch
December, 2018- Rev. 1
NLAS3257CMX2TCG ONSEMI-NLAS3257CMX2TCG Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NLAS3257CMX3TCG ONSEMI-NLAS3257CMX3TCG Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
More results

Similar Description - NLAS3257

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NLAS3157 ONSEMI-NLAS3157_16 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
September, 2016 ??Rev. 2
NLAS3157 ONSEMI-NLAS3157 Datasheet
124Kb / 6P
   Low Voltage SPDT Mux Demux Analog Switch
November, 2015 ??Rev. P2
NLAS3157 ONSEMI-NLAS3157_18 Datasheet
130Kb / 7P
   Low Voltage SPDT Mux / Demux Analog Switch
May, 2018 ??Rev. 3
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
Analog Devices
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
   Single Buffered Mux/Demux Switch
ON Semiconductor
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053_06 Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
   2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053 ONSEMI-NLAS1053_15 Datasheet
113Kb / 10P
   2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz