Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD6495NL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVD6495NL
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVD6495NL Datasheet(HTML) 2 Page - ON Semiconductor

  NVD6495NL Datasheet HTML 1Page - ON Semiconductor NVD6495NL Datasheet HTML 2Page - ON Semiconductor NVD6495NL Datasheet HTML 3Page - ON Semiconductor NVD6495NL Datasheet HTML 4Page - ON Semiconductor NVD6495NL Datasheet HTML 5Page - ON Semiconductor NVD6495NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVD6495NL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
VGS = 0 V, ID = 250 mA, TJ = −40°C
100
92
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
115
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 100 V
TJ = 25°C
1.0
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.0
2.0
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
4.8
mV/
°C
Drain−to−Source On−Resistance
RDS(on)
VGS = 4.5 V, ID = 10 A
44
54
mW
VGS = 10 V, ID = 10 A
43
50
Forward Transconductance
gFS
VDS = 5.0 V, ID = 10 A
24
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz, VDS = 25 V
1024
pF
Output Capacitance
COSS
156
Reverse Transfer Capacitance
CRSS
70
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 80 V, ID = 23 A
20
nC
Threshold Gate Charge
QG(TH)
1.1
Gate−to−Source Charge
QGS
3.1
Gate−to−Drain Charge
QGD
14
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 80 V, ID = 23 A
35
nC
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(on)
VGS = 4.5 V, VDD = 80 V,
ID = 23 A, RG = 6.1 W
11
ns
Rise Time
tr
91
Turn−Off Delay Time
td(off)
40
Fall Time
tf
71
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 23 A
TJ = 25°C
0.87
1.2
V
TJ = 125°C
0.74
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 23 A
64
ns
Charge Time
Ta
40
Discharge Time
Tb
24
Reverse Recovery Charge
QRR
152
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.
ORDERING INFORMATION
Device
Package
Shipping
NVD6495NLT4G
DPAK
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - NVD6495NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVD6414AN ONSEMI-NVD6414AN Datasheet
147Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m
October, 2011 ??Rev. 1
NVD6414ANT4G ONSEMI-NVD6414ANT4G Datasheet
147Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m
October, 2011 ??Rev. 1
NVD6414ANT4G ONSEMI-NVD6414ANT4G Datasheet
107Kb / 7P
   N-Channel Power MOSFET
September, 2014 ??Rev. 2
NVD6415AN ONSEMI-NVD6415AN Datasheet
238Kb / 8P
   MOSFET – Power, N-Channel 100 V, 23 A, 55 m
June, 2019 - Rev. 2
NVD6415ANL ONSEMI-NVD6415ANL Datasheet
127Kb / 6P
   N-Channel Power MOSFET 100 V, 23 A, 56 m Logic Level
October, 2011 ??Rev. 1
More results

Similar Description - NVD6495NL

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com