Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NL7SB3257 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NL7SB3257
Description  Mux / Demux Bus Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL7SB3257 Datasheet(HTML) 1 Page - ON Semiconductor

  NL7SB3257 Datasheet HTML 1Page - ON Semiconductor NL7SB3257 Datasheet HTML 2Page - ON Semiconductor NL7SB3257 Datasheet HTML 3Page - ON Semiconductor NL7SB3257 Datasheet HTML 4Page - ON Semiconductor NL7SB3257 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. P0
1
Publication Order Number:
NL7SB3257/D
NL7SB3257
Product Preview
Mux / Demux Bus Switch
The NL7SB3257 Mux / Demux Bus Switch is an advanced
high−speed line switch in ultra−small footprint.
Features
High Speed: tPD = 0.25 ns (Max) @ VCC = 4.5 V
3 W Switch Connection Between 2 Ports
Power Down Protection Provided on Inputs
Ultra−Small Packages
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Logic Diagram
B0
S
B1
B0
GND
S
A
VCC
1
2
3
6
5
4
Figure 2. ULLGA6
(Top View)
A
B1
Function Table
Input S
Function
L
A = B0
H
A = B1
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
http://onsemi.com
1
ULLGA6
1.0 x 1.0
CASE 613AD
M
(Note: Microdot may be in either location)
V
= Specific Device Code
(Rotated 180
°)
M
= Date Code
G
= Pb−Free Package
G


Similar Part No. - NL7SB3257

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NL7SZ18 ONSEMI-NL7SZ18 Datasheet
71Kb / 7P
   1?뭥f?? Non?묲nverting Demultiplexer with 3?뭆tate Deselected Output
November, 2006 ??Rev. 6
NL7SZ18 ONSEMI-NL7SZ18 Datasheet
118Kb / 7P
   1?뭪o?? Demultiplexer with 3?뭆tate Deselected Output
February, 2007 ??Rev. 7
NL7SZ18 ONSEMI-NL7SZ18 Datasheet
128Kb / 7P
   1-to-2 Demultiplexer 3-State Deselected Output
August, 2010 ??Rev. 9
NL7SZ18 ONSEMI-NL7SZ18 Datasheet
394Kb / 11P
   1-to-2 Demultiplexer with 3-State Deselected Output
September, 2020 ??Rev. 11
NL7SZ18DBVT1G ONSEMI-NL7SZ18DBVT1G Datasheet
394Kb / 11P
   1-to-2 Demultiplexer with 3-State Deselected Output
September, 2020 ??Rev. 11
More results

Similar Description - NL7SB3257

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
7SB3257 ONSEMI-7SB3257 Datasheet
112Kb / 12P
   Mux / Demux Bus Switch
September, 2014 ??Rev. 4
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
Unisonic Technologies
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
   SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
   Quad 2:1 Mux/DeMux Bus Switch
Unisonic Technologies
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI5C3253 PERICOM-PI5C3253 Datasheet
349Kb / 6P
   Dual 4:1 Mux/DeMux Bus Switch
Integrated Device Technology
Integrated Device Techn...
IDT74FST3257 IDT-IDT74FST3257 Datasheet
146Kb / 5P
   QUAD 2:1 MUX/DEMUX BUS SWITCH
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz