Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NGTB10N60FG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NGTB10N60FG
Description  N-Channel IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB10N60FG Datasheet(HTML) 4 Page - ON Semiconductor

  NGTB10N60FG Datasheet HTML 1Page - ON Semiconductor NGTB10N60FG Datasheet HTML 2Page - ON Semiconductor NGTB10N60FG Datasheet HTML 3Page - ON Semiconductor NGTB10N60FG Datasheet HTML 4Page - ON Semiconductor NGTB10N60FG Datasheet HTML 5Page - ON Semiconductor NGTB10N60FG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NGTB10N60FG
No.A2283-4/6


Similar Part No. - NGTB10N60FG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB10N60R2DT4G ONSEMI-NGTB10N60R2DT4G Datasheet
531Kb / 7P
   IGBT 600V, 10A, N-Channel
January 2015 - Rev. 2
More results

Similar Description - NGTB10N60FG

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JT015N065FED JSMC-JT015N065FED Datasheet
309Kb / 6P
   N-CHANNEL IGBT
logo
ON Semiconductor
NGTB30N60L2WG ONSEMI-NGTB30N60L2WG Datasheet
765Kb / 8P
   N-Channel IGBT
August, 2014
NGTG12N60TF1G ONSEMI-NGTG12N60TF1G Datasheet
395Kb / 7P
   N-Channel IGBT
October, 2013
TIG074E8 ONSEMI-TIG074E8 Datasheet
78Kb / 6P
   N-Channel IGBT
TIG056BF ONSEMI-TIG056BF Datasheet
223Kb / 6P
   N-Channel IGBT
July, 2013
NGTG20N60L2TF1G ONSEMI-NGTG20N60L2TF1G Datasheet
403Kb / 7P
   N-Channel IGBT
September, 2013
TIG058E8 ONSEMI-TIG058E8 Datasheet
380Kb / 7P
   N-Channel IGBT
September, 2013
NGTB20N60L2TF1G ONSEMI-NGTB20N60L2TF1G Datasheet
444Kb / 8P
   N-Channel IGBT
August, 2013
logo
Fairchild Semiconductor
SGH23N60UF FAIRCHILD-SGH23N60UF Datasheet
246Kb / 7P
   N-CHANNEL IGBT
logo
ON Semiconductor
TIG065E8 ONSEMI-TIG065E8 Datasheet
485Kb / 8P
   N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com