Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE522 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NE522
Description  High-Speed Dual-Differential Comparator/Sense Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NE522 Datasheet(HTML) 3 Page - ON Semiconductor

  NE522 Datasheet HTML 1Page - ON Semiconductor NE522 Datasheet HTML 2Page - ON Semiconductor NE522 Datasheet HTML 3Page - ON Semiconductor NE522 Datasheet HTML 4Page - ON Semiconductor NE522 Datasheet HTML 5Page - ON Semiconductor NE522 Datasheet HTML 6Page - ON Semiconductor NE522 Datasheet HTML 7Page - ON Semiconductor NE522 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NE522
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (V
" = "5.0 V "5%; Tamb = 0 °C to +70 °C, unless otherwise noted.)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
At 25
°C
Overtemperature Range
VOS
V + = +4.75 V; V − = −4.75 V
6.0
7.5
10
mV
Input Bias Current
At 25
°C
Overtemperature Range
IBIAS
V + = +5.25 V; V − = −5.25 V
7.5
20
40
mA
Input Offset Current
At 25
°C
Overtemperature Range
IOS
V + = +5.25 V; V − = −5.25 V
1.0
5.0
12
mA
Common-Mode Voltage Range
VCM
V + = +4.75 V; V − = −4.75 V
−3.0
+3.0
V
LOW-Level Input Voltage
At 25
°C
Overtemperature Range
VIL
0.8
0.7
V
High Level Temperature
VIH
2.0
V
HIGH-Level Input Current
1G or 2G Strobe
Common Strobe S
IIH
V + = +5.25 V; V − = −5.25 V;
VIH = 2.7 V
50
100
mA
LOW-Level Input Current
1G or 2G Strobe
Common Strobe S
IIL
VIL = 0.5 V
−2.0
−4.0
mA
LOW-Level Output Voltage
VOL
V + = +5.25 V; V − = −5.25 V;
VI(S) = 2.0 V; ILOAD = 20 mA
0.5
V
HIGH-Level Output Current
IOH
V + = +4.75 V; V − = −4.75 V;
VOH = 5.25 V
250
mA
Supply Voltage
Positive
Negative
V+
V−
4.75
−4.75
5.0
−5.0
5.25
−5.25
V
Supply Current
Positive
Negative
ICC+
ICC−
V + = +5.25 V; V − = −5.25 V;
Tamb = 25°C
27
−15
35
−28
mA
AC ELECTRICAL CHARACTERISTICS (Tamb = 25°C; RL = 280 W; CL = 15 pF, unless otherwise noted.)
Characteristic
Symbol
From Input
To Output
Min
Typ
Max
Unit
Input Resistance
IR
4.0
k
W
Input Capacitance
IC
3.0
pF
Large−signal switching speed
Propagation Delay
ns
Low to High (Note 1)
tPLH(D)
Amp
Output
10
15
High to Low (Note 1)
tPHL(D)
Amp
Output
8.0
12
Low to High (Note 2)
tPLH(S)
Strobe
Output
6.0
13
High to Low (Note 2)
tPHL(S)
Strobe
Output
5.0
9.0
Maximum Operating Frequency
IMAX
25
35
MHz
1. Response time measured from 0 V point of +100 mVP-P 10 MHz square wave to the 1.5 V point of the output.
2. Response time measured from 1.5 V point of the input to 1.5 V point of the output.


Similar Part No. - NE522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
NE522D PHILIPS-NE522D Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
NE522N PHILIPS-NE522N Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
More results

Similar Description - NE522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE521 PHILIPS-NE521 Datasheet
96Kb / 8P
   High-speed dual-differential comparator/sense amp
2001 Aug 03
NE522 PHILIPS-NE522 Datasheet
88Kb / 5P
   High-speed dual-differential comparator/sense amp
August 31, 1994
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
   DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
logo
ON Semiconductor
NE521 ONSEMI-NE521 Datasheet
123Kb / 7P
   High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
   HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
   High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com