Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDF60N550U1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDF60N550U1G
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF60N550U1G Datasheet(HTML) 2 Page - ON Semiconductor

  NDF60N550U1G Datasheet HTML 1Page - ON Semiconductor NDF60N550U1G Datasheet HTML 2Page - ON Semiconductor NDF60N550U1G Datasheet HTML 3Page - ON Semiconductor NDF60N550U1G Datasheet HTML 4Page - ON Semiconductor NDF60N550U1G Datasheet HTML 5Page - ON Semiconductor NDF60N550U1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NDF60N550U1, NDD60N550U1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS =0V, ID =1mA
600
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
TBD
mV/°C
Drain−to−Source Leakage Current
IDSS
VDS = 600 V, VGS =0V
TJ =25°C
1
mA
TJ = 125°C
50
Gate−to−Source Leakage Current
IGSS
VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =50 mA
2
TBD
4
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
Reference to 25°C, ID = 50 mA
TBD
mV/°C
Static Drain-to-Source On Resistance
RDS(on)
VGS =10V, ID = 4.8 A
530
550
mW
Forward Transconductance
gFS
VDS =15V, ID = 4.8 A
TBD
S
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
VDS =50V, VGS = 0 V, f = 1 MHz
540
pF
Output Capacitance
Coss
45
Reverse Transfer Capacitance
Crss
1
Total Gate Charge
Qg
VDS = 300 V, ID = 9.5 A, VGS =10V
20
nC
Gate-to-Source Charge
Qgs
TBD
Gate-to-Drain Charge
Qgd
TBD
Plateau Voltage
VGP
TBD
V
Gate Resistance
Rg
TBD
W
RESISTIVE SWITCHING CHARACTERISTICS (Note 3)
Turn-on Delay Time
td(on)
VDD = 300 V, ID = 9.5 A,
VGS =10V, RG = 0 W
TBD
ns
Rise Time
tr
TBD
Turn-off Delay Time
td(off)
TBD
Fall Time
tf
TBD
SOURCE−DRAIN DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
IS = 9.5 A, VGS =0V
TJ =25°C
TBD
1.6
V
TJ = 100°C
TBD
Reverse Recovery Time
trr
VGS =0V, VDD =30V
IS = 9.5 A, di/dt = 100 A/ms
TBD
ns
Charge Time
ta
TBD
Discharge Time
tb
TBD
Reverse Recovery Charge
Qrr
TBD
nC
2. Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NDF60N550U1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF60N360U1 ONSEMI-NDF60N360U1 Datasheet
151Kb / 9P
   N-Channel Power MOSFET
May, 2013 ??Rev. 0
logo
Inchange Semiconductor ...
NDF60N360U1 ISC-NDF60N360U1 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
NDF60N360U1G ONSEMI-NDF60N360U1G Datasheet
151Kb / 9P
   N-Channel Power MOSFET
May, 2013 ??Rev. 0
More results

Similar Description - NDF60N550U1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com