Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD60N360U1-1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDD60N360U1-1G
Description  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD60N360U1-1G Datasheet(HTML) 2 Page - ON Semiconductor

  NDD60N360U1-1G Datasheet HTML 1Page - ON Semiconductor NDD60N360U1-1G Datasheet HTML 2Page - ON Semiconductor NDD60N360U1-1G Datasheet HTML 3Page - ON Semiconductor NDD60N360U1-1G Datasheet HTML 4Page - ON Semiconductor NDD60N360U1-1G Datasheet HTML 5Page - ON Semiconductor NDD60N360U1-1G Datasheet HTML 6Page - ON Semiconductor NDD60N360U1-1G Datasheet HTML 7Page - ON Semiconductor NDD60N360U1-1G Datasheet HTML 8Page - ON Semiconductor NDD60N360U1-1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NDF60N360U1, NDD60N360U1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS =0V, ID =1mA
600
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
Reference to 25°C, ID = 1 mA
560
mV/°C
Drain−to−Source Leakage Current
IDSS
VDS = 600 V, VGS =0V
TJ =25°C
1
mA
TJ = 125°C
100
Gate−to−Source Leakage Current
IGSS
VGS = ±25 V
±100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID = 250 mA
2
3.2
4
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
Reference to 25°C, ID = 250 mA
8.6
mV/°C
Static Drain-to-Source On Resistance
RDS(on)
VGS =10V, ID = 5.5 A
320
360
mW
Forward Transconductance
gFS
VDS =15V, ID = 5.5 A
10
S
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
VDS =50V, VGS = 0 V, f = 1 MHz
790
pF
Output Capacitance
Coss
47
Reverse Transfer Capacitance
Crss
3.0
Effective output capacitance, energy
related (Note 7)
Co(er)
VGS = 0 V, VDS = 0 to 480 V
38.9
Effective output capacitance, time
related (Note 8)
Co(tr)
ID = constant, VGS = 0 V,
VDS = 0 to 480 V
135
Total Gate Charge
Qg
VDS = 300 V, ID = 13 A, VGS =10V
26
nC
Gate-to-Source Charge
Qgs
4.7
Gate-to-Drain Charge
Qgd
12.9
Plateau Voltage
VGP
5.6
V
Gate Resistance
Rg
4.5
W
RESISTIVE SWITCHING CHARACTERISTICS (Note 6)
Turn-on Delay Time
td(on)
VDD = 300 V, ID =13A,
VGS =10V, RG = 0 W
10
ns
Rise Time
tr
20
Turn-off Delay Time
td(off)
26
Fall Time
tf
22
SOURCE−DRAIN DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
IS = 13 A, VGS =0V
TJ =25°C
0.93
1.6
V
TJ = 100°C
0.86
Reverse Recovery Time
trr
VGS =0V, VDD =30V
IS = 13 A, di/dt = 100 A/ms
303
ns
Charge Time
ta
206
Discharge Time
tb
97
Reverse Recovery Charge
Qrr
3.6
mC
5. Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
6. Switching characteristics are independent of operating junction temperatures.
7. Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 to 80% V(BR)DSS
8. Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% V(BR)DSS


Similar Part No. - NDD60N360U1-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDD60N360U1-1G ONSEMI-NDD60N360U1-1G Datasheet
140Kb / 8P
   N-Channel Power MOSFET
January, 2014 ??Rev. 0
More results

Similar Description - NDD60N360U1-1G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com