Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDBA170N06AT4H Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDBA170N06AT4H
Description  N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDBA170N06AT4H Datasheet(HTML) 2 Page - ON Semiconductor

  NDBA170N06AT4H Datasheet HTML 1Page - ON Semiconductor NDBA170N06AT4H Datasheet HTML 2Page - ON Semiconductor NDBA170N06AT4H Datasheet HTML 3Page - ON Semiconductor NDBA170N06AT4H Datasheet HTML 4Page - ON Semiconductor NDBA170N06AT4H Datasheet HTML 5Page - ON Semiconductor NDBA170N06AT4H Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NDBA170N06A
No.A2250-2/6
Electrical Characteristics at Ta
= 25°C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
10
μA
Gate to Source Leakage Current
IGSS
VGS=±20V, VDS=0V
±200
nA
Gate Threshold Voltage
VGS(th)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transconductance
gFS
VDS=10V, ID=50A
150
S
Static Drain to Source On-State Resistance
RDS(on)
ID=50A, VGS=10V
2.5
3.3
m
Ω
Input Capacitance
Ciss
VDS=20V, f=1MHz
15800
pF
Output Capacitance
Coss
1000
pF
Reverse Transfer Capacitance
Crss
740
pF
Turn-ON Delay Time
td(on)
See Fig.2
115
ns
Rise Time
tr
550
ns
Turn-OFF Delay Time
td(off)
750
ns
Fall Time
Tf
380
ns
Total Gate Charge
Qg
VDS=36V, VGS=10V, ID=100A
280
nC
Gate to Source Charge
Qgs
56
nC
Gate to Drain “Miller” Charge
Qgd
60
nC
Forward Diode Voltage
VSD
IS=100A, VGS=0V
0.9
1.2
V
Reverse Recovery Time
trr
See Fig.3
100
ns
Reverse Recovery Charge
Qrr
IS=100A, VGS=0V, di/dt=100A/μs
310
nC
Fig.1 Unclamped Inductive Switching Test Circuit
Fig.2 Switching Time Test Circuit
Fig.3 Reverse Recovery Time Test Circuit


Similar Part No. - NDBA170N06AT4H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDBA170N06A ISC-NDBA170N06A Datasheet
344Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDBA170N06AT4H

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com