Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6914AFCAT1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP6914AFCAT1G
Description  5 Channel PMIC: 1 DCDC Converter and 4 LDOs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6914AFCAT1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP6914AFCAT1G Datasheet HTML 3Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 4Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 5Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 6Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 7Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 8Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 9Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 10Page - ON Semiconductor NCP6914AFCAT1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
NCP6914
http://onsemi.com
7
Table 4. ELECTRICAL CHARACTERISTICS
Min & Max Limits apply for TJ up to +125°C unless otherwise specified. AVIN = PVIN1 = VIN12 = VIN3 = VIN4 = 3.6 V (unless otherwise
noted). DCDC Output Voltage = 1.2 V, LDO1&2 = 1.8 V, LDO3&4 = 2.8 V, Typical values are referenced to TJ = + 25°C and default
configuration (Note 10)
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
HWEN
VIH
Positive Going Input High Voltage
Threshold
1.1
V
VIL
Negative Going Input Low Voltage
Threshold
0.4
V
tHWEN
Hardware Enable Filter
HWEN rising and falling (Note 11)
4
9
ms
IHWEN
Hardware Enable Pull−Down
(input bias current)
0.1
1
mA
PG
VPGL
Power Good Low Threshold
VOUT falls down to cross the threshold
(percentage of FB voltage)
86
90 of
VNOM
94
%
VPGHYS
Power Good Hysteresis
VOUT rises up to cross the threshold
(percentage of Power Good Low
Threshold (VPGL) voltage)
0
3
5
%
tRT
Power Good Reaction Time for
DCDC
Falling (Note 11)
Rising (Note 11)
4
5
9
ms
VPGL
Power Good Low Output Voltage
IPG = 5 mA
0.2
V
PGLK
Power Good Leakage Current
3.6 V at PG pin when power good valid
100
nA
VPGH
Power Good High Output Voltage
Open drain
5.5
V
INTB
VINTBL
INTB Low Output Voltage
IINT = 5 mA
0
0.2
V
VINTBH
INTB High Output Voltage
Open drain
5.5
V
INTBLK
INTB Leakage Current
3.6 V at INTB pin when INTB valid
100
nA
I2C
VI2CINT
High Level at SCL/SDA Line
5.0
V
VI2CIL
SCL, SDA Low Input Voltage
SCL, SDA pin (Notes 9 and 11)
0.5
V
VI2CIH
SCL, SDA High Input Voltage
SCL, SDA pin (Notes 9 and 11)
0.8 x VI2CINT
V
VI2COL
SCL, SDA Low Output Voltage
ISINK = 3 mA (Note 11)
0.4
V
FSCL
I2C Clock Frequency
3.4
MHz
TOTAL DEVICE
VUVLO
Under Voltage Lockout
VIN falling
2.3
V
VUVLOH
Under Voltage Lockout Hysteresis
VIN rising
60
200
mV
TSD
Thermal Shut Down Protection
150
°C
TWARNING
Warning Rising Edge
135
°C
TSDH
Thermal Shut Down Hysteresis
35
°C
9. Devices that use non−standard supply voltages which do not conform to the intent I2C bus system levels must relate their input levels
to the VDD voltage to which the pull−up resistors RP are connected.
10. Refer to the Application Information section of this data sheet for more details.
11. Guaranteed by design and characterized.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCP6914AFCAT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP691 ONSEMI-NCP691 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP691 ONSEMI-NCP691 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP6915 ONSEMI-NCP6915 Datasheet
325Kb / 24P
   6 Channels PMIC
August, 2014 ??Rev. 3
NCP6915AFCCLT1G ONSEMI-NCP6915AFCCLT1G Datasheet
325Kb / 24P
   6 Channels PMIC
August, 2014 ??Rev. 3
NCP691MN15T2G ONSEMI-NCP691MN15T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP6914AFCAT1G

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
   關PMIC with 5 DCDC and 2 LDOs
logo
Micrel Semiconductor
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
   Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
   Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
logo
ams AG
AS3722 AMSCO-AS3722 Datasheet
3Mb / 198P
   Multi-Phase DCDC Controller PMIC
2015-Sep-07
logo
Texas Instruments
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
[Old version datasheet]   TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
logo
Shenzhen X-Powers Techn...
AXP155 XPOWER-AXP155 Datasheet
398Kb / 3P
   Highly integrated PMIC with 5 DC/DC Buck Converters and 10 LDOs
logo
Infineon Technologies A...
IR3846 INFINEON-IR3846 Datasheet
2Mb / 55P
   DCDC Converter
Rev 3.5 Feb 05, 2016
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
   Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com