Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG200AA Datasheet(PDF) 8 Page - Harris Corporation

Part # DG200AA
Description  CMOS Dual/Quad SPST Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

DG200AA Datasheet(HTML) 8 Page - Harris Corporation

  DG200AA Datasheet HTML 1Page - Harris Corporation DG200AA Datasheet HTML 2Page - Harris Corporation DG200AA Datasheet HTML 3Page - Harris Corporation DG200AA Datasheet HTML 4Page - Harris Corporation DG200AA Datasheet HTML 5Page - Harris Corporation DG200AA Datasheet HTML 6Page - Harris Corporation DG200AA Datasheet HTML 7Page - Harris Corporation DG200AA Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
9-20
DG201
Metallization Topology
DIE DIMENSIONS:
94 x 101 x 14
± 1mils
METALLIZATION:
Type: Al
Thickness: 10k
Å
± 1kÅ
GLASSIVATION:
Type: SiO2/Si3N4
SiO2 Thickness: 7kÅ ± 1.4kÅ
Si3N4 Thickness: 8kÅ ± 1.2kÅ
WORST CASE CURRENT DENSITY:
1 x 105 A/cm2
Metallization Mask Layout
DG201
S1 (3)
V- (4)
GND (5)
S4 (6)
IN2
(16)
IN1
(1)
D1
(2)
(11) S3
(13) V+ (SUBSTRATE)*
(14) S2
(15)
(7)
D4
(8)
IN4
(9)
IN3
(10)
D3
D2
* Backside of Chip is V+


Similar Part No. - DG200AA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG200AA INTERSIL-DG200AA Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
TEMIC Semiconductors
DG200AAA TEMIC-DG200AAA Datasheet
74Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
logo
Maxim Integrated Produc...
DG200AAA MAXIM-DG200AAA Datasheet
179Kb / 6P
   Dual Monolithic SPST CMOS Analog Switch
19-0484; Rev 1; 5/96
logo
Vishay Siliconix
DG200AAA VISHAY-DG200AAA Datasheet
43Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
logo
TEMIC Semiconductors
DG200AAA/883 TEMIC-DG200AAA/883 Datasheet
74Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
More results

Similar Description - DG200AA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
HI-200 RENESAS-HI-200 Datasheet
566Kb / 11P
   Dual/Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com