Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV824-N-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV824-N-Q1
Description  LMV82x Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV824-N-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV824-N-Q1 Datasheet HTML 5Page - Texas Instruments LMV824-N-Q1 Datasheet HTML 6Page - Texas Instruments LMV824-N-Q1 Datasheet HTML 7Page - Texas Instruments LMV824-N-Q1 Datasheet HTML 8Page - Texas Instruments LMV824-N-Q1 Datasheet HTML 9Page - Texas Instruments LMV824-N-Q1 Datasheet HTML 10Page - Texas Instruments LMV824-N-Q1 Datasheet HTML 11Page - Texas Instruments LMV824-N-Q1 Datasheet HTML 12Page - Texas Instruments LMV824-N-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
LMV821-N, LMV822-N, LMV822-N-Q1, LMV824-N, LMV824-N-Q1
www.ti.com
SNOS032H – AUGUST 1999 – REVISED APRIL 2014
DC Electrical Characteristics 5V (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and RL > 1 MΩ.
Temperature extremes are
−40°C ≤ TJ ≤ 85°C for LMV821/822/824, and −40°C ≤ TJ ≤ 125°C for LMV822-Q1/LMV824-
Q1/LMV824I.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
(2)
(1)
V+ = 5V,RL = 600Ω to 2.5V
4.75
4.84
V+ = 5V,RL = 600Ω to 2.5V, Over Temperature
4.70
V
V+ = 5V,RL = 600Ω to 2.5V (LMV824-Q1, LMV824I)
4.84
V+ = 5V,RL = 600Ω to 2.5V (LMV824-Q1, LMV824I),
4.60
Over Temperature
V+ = 5V,RL = 600Ω to 2.5V
0.17
0.250
V O
Output Swing
V+ = 5V,RL = 600Ω to 2.5V, Over Temperature
0.30
V
V+ = 5V,RL = 600Ω to 2.5V (LMV824-Q1, LMV824I)
0.17
V+ = 5V,RL = 600Ω to 2.5V (LMV824-Q1, LMV824I),
0.40
Over Temperature
V+ = 5V, RL = 2kΩ to 2.5V
4.85
4.90
0.10
0.15
V
V+ = 5V, RL = 2kΩ to 2.5V, Over Temperature
4.80
0.20
Sourcing, VO = 0V
20
45
mA
Sourcing, VO = 0V, Over Temperature
15
Sourcing, VO = 0V
20
45
LMV824I
mA
Sourcing, VO = 0V
10
LMV824I, Over Temperature
IO
Output Current
Sinking, VO = 5V
20
40
mA
Sinking, VO = 5V, Over Temperature
15
Sinking, VO = 5V
20
40
LMV824I
mA
Sinking, VO = 5V
10
LMV824I, Over Temperature
LMV821 (Single)
0.30
0.4
mA
LMV821, Over Temperature
0.6
LMV822 (Dual)
0.5
0.7
mA
LMV822, Over Temperature
0.9
IS
Supply Current
LMV824 (Quad)
1.0
1.3
mA
LMV824, Over Temperature
1.5
LMV824I (Quad)
1.0
1.3
mA
LMV824I, Over Temperature
1.6
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV821-N LMV822-N LMV822-N-Q1 LMV824-N LMV824-N-Q1


Similar Part No. - LMV824-N-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV824-N-Q1 TI1-LMV824-N-Q1 Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV824-N-Q1 TI1-LMV824-N-Q1 Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

Similar Description - LMV824-N-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV821-N TI1-LMV821-N_16 Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
National Semiconductor ...
LMV821 NSC-LMV821 Datasheet
1Mb / 24P
   Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
MAX410 MAXIM-MAX410_08 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Linear Technology
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
   Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com