Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV611 Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV611
Description  LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV611 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV611_15 Datasheet HTML 6Page - Texas Instruments LMV611_15 Datasheet HTML 7Page - Texas Instruments LMV611_15 Datasheet HTML 8Page - Texas Instruments LMV611_15 Datasheet HTML 9Page - Texas Instruments LMV611_15 Datasheet HTML 10Page - Texas Instruments LMV611_15 Datasheet HTML 11Page - Texas Instruments LMV611_15 Datasheet HTML 12Page - Texas Instruments LMV611_15 Datasheet HTML 13Page - Texas Instruments LMV611_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TIME (2.5 Ps/DIV)
VS = 1.8V
RL = 2 k:
TIME (2.5 Ps/DIV)
VS = 2.7V
RL = 2 k:
10
100
1k
10k
100k
FREQUENCY (Hz)
0.01
0.1
1
10
1.8V
2.7V
5V
RL = 600:
AV = +10
0
1
2
3
4
5
6
0.25
0.3
0.35
0.45
0.5
SUPPLY VOLTAGE (V)
0.4
RL = 2k:
AV = +1
VIN = 1VPP
FALLING EDGE
RISING EDGE
FREQUENCY (Hz)
1
0.1
0.01
10
100
1k
10k
100k
10
100
1k
10k
100k
FREQUENCY (Hz)
0.01
0.1
1
10
1.8V
2.7V
5V
RL = 600:
AV = +1
LMV611, LMV612, LMV614
SNOSC69B – APRIL 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Input Current Noise
THD
vs.
vs.
Frequency
Frequency
Figure 16.
Figure 17.
THD
Slew Rate
vs.
vs.
Frequency
Supply Voltage
Figure 18.
Figure 19.
Small Signal Non-Inverting Response
Small Signal Non-Inverting Response
Figure 20.
Figure 21.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMV611 LMV612 LMV614


Similar Part No. - LMV611_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV611 TI1-LMV611_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
More results

Similar Description - LMV611_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV611 NSC-LMV611 Datasheet
1Mb / 28P
   Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
LMV921 TI1-LMV921 Datasheet
824Kb / 23P
[Old version datasheet]   Single, Dual and Quad 1.8V, 1MHz, Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Texas Instruments
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com