Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT89 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMT89
Description  LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT89 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMT89_15 Datasheet HTML 3Page - Texas Instruments LMT89_15 Datasheet HTML 4Page - Texas Instruments LMT89_15 Datasheet HTML 5Page - Texas Instruments LMT89_15 Datasheet HTML 6Page - Texas Instruments LMT89_15 Datasheet HTML 7Page - Texas Instruments LMT89_15 Datasheet HTML 8Page - Texas Instruments LMT89_15 Datasheet HTML 9Page - Texas Instruments LMT89_15 Datasheet HTML 10Page - Texas Instruments LMT89_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
6
O
6
(1.8639
V
2.1962 10
3.88 10
)
T
1481.96


u

u


LMT89
www.ti.com
SNIS176A – MARCH 2013 – REVISED JANUARY 2015
Feature Description (continued)
Table 1. Temperature to Voltage Output Characteristic Table
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
(°C)
(V)
–55
2.4847
–28
2.1829
–1
1.8754
26
1.5623
53
1.2435
80
0.9191
107
0.5890
–54
2.4736
–27
2.1716
0
1.8639
27
1.5506
54
1.2316
81
0.9069
108
0.5766
–53
2.4625
–26
2.1603
1
1.8524
28
1.5389
55
1.2197
82
0.8948
109
0.5643
–52
2.4514
–25
2.1490
2
1.8409
29
1.5271
56
1.2077
83
0.8827
110
0.5520
–51
2.4403
–24
2.1377
3
1.8294
30
1.5154
57
1.1958
84
0.8705
111
0.5396
–50
2.4292
–23
2.1263
4
1.8178
31
1.5037
58
1.1838
85
0.8584
112
0.5272
–49
2.4181
–22
2.1150
5
1.8063
32
1.4919
59
1.1719
86
0.8462
113
0.5149
–48
2.4070
–21
2.1037
6
1.7948
33
1.4802
60
1.1599
87
0.8340
114
0.5025
–47
2.3958
–20
2.0923
7
1.7832
34
1.4684
61
1.1480
88
0.8219
115
0.4901
–46
2.3847
–19
2.0810
8
1.7717
35
1.4566
62
1.1360
89
0.8097
116
0.4777
–45
2.3735
–18
2.0696
9
1.7601
36
1.4449
63
1.1240
90
0.7975
117
0.4653
–44
2.3624
–17
2.0583
10
1.7485
37
1.4331
64
1.1120
91
0.7853
118
0.4529
–43
2.3512
–16
2.0469
11
1.7369
38
1.4213
65
1.1000
92
0.7731
119
0.4405
–42
2.3401
–15
2.0355
12
1.7253
39
1.4095
66
1.0880
93
0.7608
120
0.4280
–41
2.3289
–14
2.0241
13
1.7137
40
1.3977
67
1.0760
94
0.7486
121
0.4156
–40
2.3177
–13
2.0127
14
1.7021
41
1.3859
68
1.0640
95
0.7364
122
0.4032
–39
2.3065
–12
2.0013
15
1.6905
42
1.3741
69
1.0519
96
0.7241
123
0.3907
–38
2.2953
–11
1.9899
16
1.6789
43
1.3622
70
1.0399
97
0.7119
124
0.3782
–37
2.2841
–10
1.9785
17
1.6673
44
1.3504
71
1.0278
98
0.6996
125
0.3658
–36
2.2729
–9
1.9671
18
1.6556
45
1.3385
72
1.0158
99
0.6874
126
0.3533
–35
2.2616
–8
1.9557
19
1.6440
46
1.3267
73
1.0037
100
0.6751
127
0.3408
–34
2.2504
–7
1.9442
20
1.6323
47
1.3148
74
0.9917
101
0.6628
128
0.3283
–33
2.2392
–6
1.9328
21
1.6207
48
1.3030
75
0.9796
102
0.6505
129
0.3158
–32
2.2279
–5
1.9213
22
1.6090
49
1.2911
76
0.9675
103
0.6382
130
0.3033
–31
2.2167
–4
1.9098
23
1.5973
50
1.2792
77
0.9554
104
0.6259
–30
2.2054
–3
1.8984
24
1.5857
51
1.2673
78
0.9433
105
0.6136
–29
2.1941
–2
1.8869
25
1.5740
52
1.2554
79
0.9312
106
0.6013
Solving Equation 2 for T:
(3)
For other methods of calculating T, see Detailed Design Procedure.
7.4 Device Functional Modes
The only functional mode of the LMT89 device is that it has an analog output inversely proportional to
temperature.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMT89


Similar Part No. - LMT89_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89DCKR TI-LMT89DCKR Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
More results

Similar Description - LMT89_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
LMT88 TI-LMT88_15 Datasheet
967Kb / 23P
[Old version datasheet]   2.4-V, 10-關A, SC-70 Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com