Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT88DCKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMT88DCKT
Description  2.4-V, 10-關A, SC-70 Temperature Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT88DCKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMT88DCKT Datasheet HTML 6Page - Texas Instruments LMT88DCKT Datasheet HTML 7Page - Texas Instruments LMT88DCKT Datasheet HTML 8Page - Texas Instruments LMT88DCKT Datasheet HTML 9Page - Texas Instruments LMT88DCKT Datasheet HTML 10Page - Texas Instruments LMT88DCKT Datasheet HTML 11Page - Texas Instruments LMT88DCKT Datasheet HTML 12Page - Texas Instruments LMT88DCKT Datasheet HTML 13Page - Texas Instruments LMT88DCKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
GND
NC
VO
V
+
LMT88
+2.4V to +5.5V
To MCU ADC
OUT
Heavy Capacitive Load, Wiring, Etc.
LMT88
+
@
R
C
OUT
Heavy Capacitive Load, Wiring, Etc.
LMT88
+
@
R
C
0.1 µF Bypass
Optional
0.1 µF Bypass
Optional
LMT88
SNIS175A – MARCH 2013 – REVISED JANUARY 2015
www.ti.com
spacer between the table and graphic
Figure 3. LMT88 With Filter for Noisy Environment and Capacitive Loading Greater Than 300 pF
NOTE
Either placement of resistor as shown in Figure 2 and Figure 3 is just as effective.
8.2 Typical Applications
8.2.1 Full-Range Centigrade Temperature Sensor
Figure 4. Full-Range Celsius (Centigrade) Temperature Sensor (
−55°C to 130°C)
8.2.1.1 Design Requirements
Because the LMT88 is a simple temperature sensor that provides an analog output, design requirements related
to layout are important, refer to Layout for detailed description.
8.2.1.2 Detailed Design Procedure
The LMT88 output follows Equation 5.
VO = (−3.88×10
−6×T2) + (−1.15×10−2×T) + 1.8639
(5)
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: LMT88


Similar Part No. - LMT88DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
More results

Similar Description - LMT88DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT89 TI-LMT89_15 Datasheet
961Kb / 21P
[Old version datasheet]   LMT89 2.4-V, 10-關A, SC70 Temperature Sensor
LM20 TI-LM20_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM20 2.4-V, 10-關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19_10 Datasheet
272Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Analog Devices
TMP05 AD-TMP05 Datasheet
706Kb / 28P
   짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
REV. 0
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
National Semiconductor ...
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com