Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT85LP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMT85LP
Description  SC70/TO-92, Analog Temperature Sensors with Class-AB Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT85LP Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMT85LP Datasheet HTML 5Page - Texas Instruments LMT85LP Datasheet HTML 6Page - Texas Instruments LMT85LP Datasheet HTML 7Page - Texas Instruments LMT85LP Datasheet HTML 8Page - Texas Instruments LMT85LP Datasheet HTML 9Page - Texas Instruments LMT85LP Datasheet HTML 10Page - Texas Instruments LMT85LP Datasheet HTML 11Page - Texas Instruments LMT85LP Datasheet HTML 12Page - Texas Instruments LMT85LP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Thermal Diodes
OUT
VDD
GND
LMT85, LMT85-Q1
www.ti.com
SNIS168C – MARCH 2013 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
The LMT85/LMT85-Q1 is an analog output temperature sensor. The temperature sensing element is comprised
of a simple base emitter junction that is forward biased by a current source. The temperature sensing element is
then buffered by an amplifier and provided to the OUT pin. The amplifier has a simple push-pull output stage
thus providing a low impedance output source.
8.2 Functional Block Diagram
Full-Range Celsius Temperature Sensor (
−50°C to 150°C).
8.3 Feature Description
8.3.1 LMT85/LMT85-Q1 Transfer Function
The output voltage of the LMT85/LMT85-Q1, across the complete operating temperature range, is shown in
Table 1. This table is the reference from which the LMT85/LMT85-Q1 accuracy specifications (listed in the
Accuracy Characteristics section) are determined. This table can be used, for example, in a host processor look-
up table. A file containing this data is available for download at LMT85 product folder under Tools and Software
Models.
Table 1. LMT85/LMT85-Q1 Transfer Table
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
TEMP
VOUT
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
(°C)
(mV)
-50
1955
-10
1648
30
1324
70
991
110
651
-49
1949
-9
1639
31
1316
71
983
111
642
-48
1942
-8
1631
32
1308
72
974
112
634
-47
1935
-7
1623
33
1299
73
966
113
625
-46
1928
-6
1615
34
1291
74
957
114
617
-45
1921
-5
1607
35
1283
75
949
115
608
-44
1915
-4
1599
36
1275
76
941
116
599
-43
1908
-3
1591
37
1267
77
932
117
591
-42
1900
-2
1583
38
1258
78
924
118
582
-41
1892
-1
1575
39
1250
79
915
119
573
-40
1885
0
1567
40
1242
80
907
120
565
-39
1877
1
1559
41
1234
81
898
121
556
-38
1869
2
1551
42
1225
82
890
122
547
-37
1861
3
1543
43
1217
83
881
123
539
-36
1853
4
1535
44
1209
84
873
124
530
-35
1845
5
1527
45
1201
85
865
125
521
-34
1838
6
1519
46
1192
86
856
126
513
-33
1830
7
1511
47
1184
87
848
127
504
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - LMT85LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT85LP TI1-LMT85LP Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85LPG TI1-LMT85LPG Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85LPGM TI1-LMT85LPGM Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85LPM TI1-LMT85LPM Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results

Similar Description - LMT85LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
[Old version datasheet]   1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT87_017 TI1-LMT87_017 Datasheet
1Mb / 29P
[Old version datasheet]   2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
[Old version datasheet]   LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com