Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT70 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LMT70
Description  Precision Analog Temperature Sensor, RTD and Precision NTC Thermistor IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT70 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMT70 Datasheet HTML 15Page - Texas Instruments LMT70 Datasheet HTML 16Page - Texas Instruments LMT70 Datasheet HTML 17Page - Texas Instruments LMT70 Datasheet HTML 18Page - Texas Instruments LMT70 Datasheet HTML 19Page - Texas Instruments LMT70 Datasheet HTML 20Page - Texas Instruments LMT70 Datasheet HTML 21Page - Texas Instruments LMT70 Datasheet HTML 22Page - Texas Instruments LMT70 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
-0.60
-0.50
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
0.50
0.60
±60 ±40 ±20
0
20
40
60
80
100 120 140 160
DUT Temperature (
ƒC)
C015
Max Limit when
using LUT
Min Limit when
using LUT
Max Limit when
using Equation
Min Limit when
using Equation
LMT70, LMT70A
www.ti.com
SNIS187A – MARCH 2015 – REVISED JULY 2015
TM = -7.857923E-06 (VTAO)
2 – 1.777501E-01 (V
TAO) + 2.046398E+02
Figure 32. Using Second Order Transfer Function Best Fit -10°C to 110°C
10.2.2.2 ADC Requirements
The ADC resolution and its specifications as well as reference voltage and its specifications will determine the
overall system accuracy that you can obtain. For this example the 12-bit SAR ADC found in the MSP430 was
used as well as it's integrated reference. At first glance the specifications may not seem to be precise enough to
actually be used with the LMT70 but the MSP430 ADC and integrated reference errors are actually measured
during production testing of the MSP430. Values are then provided to user for software calibration. These
calibration values are located in the MSP430A device descriptor tag-length-value (TLV) structure and found in
the device-specific datasheet. The MSP430 Users Guide includes information on how to use these calibration
values to calibrate the ADC reading. The specific values used to calibrate the ADC readings are:
CAL_ADC_15VREF_FACTOR, CAL_ADC_GAIN_FACTOR and CAL_ADC_OFFSET.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMT70 LMT70A


Similar Part No. - LMT70

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMT70.3P02K LEIDITECH-LMT70.3P02K Datasheet
411Kb / 3P
   P- Channel MOSFMT
LMT70.66P02K LEIDITECH-LMT70.66P02K Datasheet
628Kb / 4P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LMT70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
   Precision NTC Thermistor Probes for Temperature Measurement
CWF3100 ETC2-CWF3100 Datasheet
838Kb / 5P
   CWF Precision NTC Thermistor Probes for Temperature Measurement
logo
TE Connectivity Ltd
44006RC TEC-44006RC Datasheet
97Kb / 3P
   44006RC Precision Epoxy NTC Thermistor
Rev A
logo
List of Unclassifed Man...
MF51-A ETC2-MF51-A Datasheet
252Kb / 2P
   MF51 Precision Glass Encapsulated NTC Thermistor for Temperature Measurement
logo
Zentrum Mikroelektronik...
TSIC ZMD-TSIC Datasheet
261Kb / 2P
   High Precision Temperature Sensor IC
logo
List of Unclassifed Man...
MF523100 ETC2-MF523100 Datasheet
748Kb / 4P
   MF52 Pearl-Shaped Precision NTC Thermistor for Temperature Measurement
MF11 ETC2-MF11 Datasheet
246Kb / 2P
   Temperature Compensation NTC Thermistor
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
logo
Maxim Integrated Produc...
MAX6698 MAXIM-MAX6698 Datasheet
321Kb / 24P
   7-Channel Precision Remote-Diode, Thermistor, and Local Temperature Monitor
Rev 3; 8/07
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com