Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIRCH-1 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # FIRCH-1
Description  Switch mode/ High Frequency Rod Core Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FIRCH-1 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  FIRCH-1 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Switchmode/ High Fr equency
Ro d Co r e I n d u cto r s
web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
FIRC H-1
Description:
Triad high current rod core inductors provide cost effective energy storage.
By conditioning the output signal, the inductor smoothes out the current
waveform to provide a more stable current. These low cost inductors are
designed to be compatible with automated P.C.B. installation.
Outline Dimensions:
A. Dimensions: As figure show
Unit: In inch
B. PIN DIM. : As figure show
C. WT Lbs. : 0.03
Lbs.
Type No.
+/- 15%
Inductance uH
DC Rated
Current
Max. DC Resistance
(mOhms)
Lead
Diameter
FRICH-1
2.54
11.60A
5.50
0.050”
Inductance at 20KHz to 200KHz
Rated current 40C temperature rise.
RoHS Compliance: As of manufacturing date February 2005, all standard products
meet the requirements of 2011/65/EU, known as the RoHS initiative.
.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.


Similar Part No. - FIRCH-1

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FIRCH-2 TRIAD-FIRCH-2 Datasheet
116Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
FIRCH-3 TRIAD-FIRCH-3 Datasheet
116Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
FIRCH-4 TRIAD-FIRCH-4 Datasheet
116Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
FIRCH-5 TRIAD-FIRCH-5 Datasheet
116Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
FIRCH-6 TRIAD-FIRCH-6 Datasheet
116Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
More results

Similar Description - FIRCH-1

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FIRCH-4 TRIAD-FIRCH-4 Datasheet
116Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
FIRCH-6 TRIAD-FIRCH-6 Datasheet
116Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
FIRCH-3 TRIAD-FIRCH-3 Datasheet
116Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
FIRCH-5 TRIAD-FIRCH-5 Datasheet
116Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
FIRCH-2 TRIAD-FIRCH-2 Datasheet
116Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
FIRCHK TRIAD-FIRCHK Datasheet
35Kb / 1P
   Switch mode/ High Frequency Rod Core Inductors
RC-2 TRIAD-RC-2_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-3 TRIAD-RC-3_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-8 TRIAD-RC-8_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-9 TRIAD-RC-9_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com