Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTBA0N10KJ3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTBA0N10KJ3
Description  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA0N10KJ3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTBA0N10KJ3 Datasheet HTML 1Page - Cystech Electonics Corp. MTBA0N10KJ3 Datasheet HTML 2Page - Cystech Electonics Corp. MTBA0N10KJ3 Datasheet HTML 3Page - Cystech Electonics Corp. MTBA0N10KJ3 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA0N10KJ3 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA0N10KJ3 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA0N10KJ3 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA0N10KJ3 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA0N10KJ3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C139J3
Issued Date : 2015.09.30
Revised Date :
Page No. : 2/ 9
MTBA0N10KJ3
CYStek Product Specification
Absolute Maximum Ratings (TC=25°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage (Note 1)
VDS
100
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @TC=25
°C, VGS=10V
(Note 1)
13.4
Continuous Drain Current @TC=100
°C, VGS=10V
(Note 1)
ID
8.5
Continuous Drain Current @TA=25
°C, VGS=10V
(Note 2)
3.7
Continuous Drain Current @TA=70
°C, VGS=10V
(Note 2)
IDSM
3.0
Pulsed Drain Current @ VGS=10V
(Note 3)
IDM
33
Avalanche Current
IAS
13.4
A
Single Pulse Avalanche Energy @ L=0.1mH, ID=13.4A, VDD=25V
(Note 4)
EAS
9
mJ
TC=25
°C
(Note 1)
33
TC=100
°C
(Note 1)
PD
13
TA=25
°C
(Note 2)
2.5
Power Dissipation
TA=70
°C
(Note 2)
PDSM
1.6
W
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RθJC
3.8
Thermal Resistance, Junction-to-ambient, max (Note 2)
RθJA
50
°C/W
Note : 1
.The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
2
.The value of RθJA is measured with the device mounted on 1 in²FR-4 board with 2 oz. copper, in a still air
environment with TA=25°C. The power dissipation PDSM is based on RθJA and the maximum allowed junction
temperature of 150°C.
3
. Pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency and low duty cycles
to keep initial TJ=25°C.
4. 100% tested by conditions of L=100μH, IAS=7A, VGS=10V, VDD=25V


Similar Part No. - MTBA0N10KJ3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA0N10Q8 CYSTEKEC-MTBA0N10Q8 Datasheet
312Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
MTBA0N10Q8 VBSEMI-MTBA0N10Q8 Datasheet
463Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - MTBA0N10KJ3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com