Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM95241CIMM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. LM95241CIMM/NOPB
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm™ Technology (65nm/90nm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95241CIMM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM95241CIMM/NOPB Datasheet HTML 3Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 4Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 5Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 6Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 7Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 8Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 9Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 10Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SNP
GND
D1
PIN
GND
PIN
D1
V+
6.5V
D3
ESD
CLAMP
D2
V+
GND
ESD
Clamp
6.5V
D1
D2
D3
160 k
80 k
VIH
VIL
SMBCLK
P
S
VIH
VIL
SMBDAT
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
S
LM95241
www.ti.com
SNIS143E – AUGUST 2006 – REVISED MARCH 2013
Logic Electrical Characteristics SMBus Digital Switching Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD=+3.0 Vdc to +3.6 Vdc, CL (load capacitance) on output lines = 80
pF. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
The switching characteristics of the LM95241 fully meet or exceed the published specifications of the SMBus version 2.0. The
following parameters are the timing relationships between SMBCLK and SMBDAT signals related to the LM95241. They
adhere to but are not necessarily the SMBus bus specifications.
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
Units
(Limit)
tBUF
SMBus Free Time Between Stop and Start
1.3
µs (min)
Conditions
Figure 2. SMBus Communication
Table 1. Parasitic components and ESD protection circuitry
Pin
Label
Circ
All Input ESD Protection Structure Circuits
#
uit
1
D1+
A
2
D1
A
3
D2+
A
4
D2
A
5
GND
B
6
VDD
B
7
SMBDAT
C
8
SMBCLK
C
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM95241


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn