Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95241CIMM/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM95241CIMM/NOPB
Description  Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95241CIMM/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM95241CIMM/NOPB Datasheet HTML 1Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 2Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 3Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 4Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 5Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 6Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 7Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 8Page - Texas Instruments LM95241CIMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LM95241
www.ti.com
SNIS143E – AUGUST 2006 – REVISED MARCH 2013
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for VDD=+3.0Vdc to 3.6Vdc. Boldface limits apply for TA = TJ =
TMIN≤TA≤TMAX; all other limits TA= TJ=+25°C, unless otherwise noted. TJ is the junction temperature of the LM95241. TD is the
junction temperature of the remote thermal diode.
Parameter
Conditions
Typical(1)
Limits(2)
Units
(Limit)
Accuracy Using Local Diode
TA = 0°C to +85°C
(3)
±1
±3
°C (max)
Accuracy Using Remote Diode, see(4) for Thermal
TA = +20°C to
TD = +45°C to
±1.25
°C (max)
Diode Processor Type.
+40°C
+85°C
TA = +0°C to +85°C
TD = +25°C to
±2.5
°C (max)
+140°C
Remote Diode Measurement Resolution with
10+sign/11
Bits
filtering turned off
0.125
°C
Remote Diode Measurement Resolution with digital
12+sign/13
Bits
filtering turned on
0.03125
°C
Local Diode Measurement Resolution
9+sign
Bits
0.25
°C
Conversion Time of All Temperatures at the Fastest
TruTherm Mode Disabled for All
76.5
86.1
ms (max)
Setting(5)
Remote Channels
TruTherm Mode Enabled for All
79.1
88.9
ms (max)
Remote Channels
Average Quiescent Current(6)
SMBus Inactive, 1 Hz conversion
471
640
µA (max)
rate
Shutdown
356
µA
D
− Source Voltage
0.4
V
Diode Source Current Ratio
16
Diode Source Current
(VD+ − VD−)=+ 0.65V; high-level
172
230
µA (max)
100
µA (min)
Low-level
11
µA
Power-On Reset Threshold
Measure on VDD input, falling edge
2.7
V (max)
1.6
V (min)
(1)
Typical figures are at TA = 25°C and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(2)
Limits are specified to Texas Instruments' AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM95241 and the thermal resistance. See Note 2 of the Operating Ratings table for the thermal
resistance to be used in the self-heating calculation.
(4)
The accuracy of the LM95241CIMM is ensured when using a typical thermal diode of an Intel processor on a 65 nm process or an
MMBT3904 diode-connected transistor, as selected in the Remote Diode Model Select register. See typical performance curve for
performance with Intel processor on a 90nm process.
(5)
This specification is provided only to indicate how often temperature data is updated. The LM95241 can be read at any time without
regard to conversion state (and will yield last conversion result).
(6)
Quiescent current will not increase substantially when the SMBus is active.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM95241


Similar Part No. - LM95241CIMM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95241CIMM NSC-LM95241CIMM Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM-1 NSC-LM95241CIMM-1 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMM-2 NSC-LM95241CIMM-2 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMMX NSC-LM95241CIMMX Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95241CIMMX-1 NSC-LM95241CIMMX-1 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
More results

Similar Description - LM95241CIMM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95241 NSC-LM95241 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com