Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95235 Datasheet(PDF) 14 Page - Texas Instruments

Part # LM95235
Description  Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95235 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM95235_15 Datasheet HTML 10Page - Texas Instruments LM95235_15 Datasheet HTML 11Page - Texas Instruments LM95235_15 Datasheet HTML 12Page - Texas Instruments LM95235_15 Datasheet HTML 13Page - Texas Instruments LM95235_15 Datasheet HTML 14Page - Texas Instruments LM95235_15 Datasheet HTML 15Page - Texas Instruments LM95235_15 Datasheet HTML 16Page - Texas Instruments LM95235_15 Datasheet HTML 17Page - Texas Instruments LM95235_15 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Hysteresis
T_CRIT
Output Pin
Remote TCRIT Limit
Remote
Temperature
Status bit RCRIT
Remote TCRIT Limit -
Hysteresis
LM95235
LM95235-Q1
SNIS142F – APRIL 2006 – REVISED MARCH 2013
www.ti.com
Table 8. 11-Bit, 2's Complement (10-Bit Plus Sign)
Digital Output
Temperature
Binary
Hex
+125°C
0111 1101 0000 0000
7D00h
+25°C
0001 1001 0000 0000
1900h
+1°C
0000 0001 0000 0000
0100h
+0.125°C
0000 0000 0010 0000
0020h
0°C
0000 0000 0000 0000
0000h
-0.125°C
1111 1111 1110 0000
FFE0h
-1°C
1111 1111 0000 0000
FF00h
-25°C
1110 0111 0000 0000
E700h
-55°C
1100 1001 0000 0000
C900h
SMBDAT OPEN-DRAIN OUTPUT
The SMBDAT output is an open-drain output and does not have internal pull-ups. A “high” level will not be
observed on this pin until pull-up current is provided by some external source, typically a pull-up resistor. Choice
of resistor value depends on many system factors but, in general, the pull-up resistor should be as large as
possible without effecting the SMBus desired data rate. This will minimize any internal temperature reading
errors due to internal heating of the LM95235. The maximum resistance of the pull-up to provide a 2.1V high
level, based on LM95235 specification for High Level Output Current with the supply voltage at 3.0V, is 82 k
Ω
(5%) or 88.7 k
Ω (1%).
T_CRIT OUTPUT AND TCRIT LIMIT
The LM95235's T_CRIT pin is an active-low open-drain output that is triggered when the local and/or the remote
temperature conversion is above the limits defined by the Remote and/or Local Limit registers. The state of the
T_CRIT pin will return to the HIGH state when both the Local and Remote temperatures are below the values
programmed into the Limit Registers less the value in the Common Hysteresis Register. Additionally, if the
remote temperature exceeds the value in the Remote TCRIT Limit Register the Status Bit for Remote TCRIT
(RTCRIT), in Status Register 1, is set to 1. In the same way if the local temperature exceeds the value in the
Local Shared OS and TCRIT Limit Register the Status Bit for the Shared Local OS and TCRIT (LOC) bit in
Status Register 1 is set to 1.The T_CRIT output and the Status Register flags are updated after every Local and
Remote temperature conversion. See Figure 12
Figure 12. T_CRIT Comparator Temperature Response Diagram
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95235 LM95235-Q1


Similar Part No. - LM95235_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235CIMM NSC-LM95235CIMM Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235CIMM NSC-LM95235CIMM Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235CIMMX NSC-LM95235CIMMX Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235CIMMX NSC-LM95235CIMMX Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95235DIMM NSC-LM95235DIMM Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results

Similar Description - LM95235_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com