Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95234 Datasheet(PDF) 34 Page - Texas Instruments

Part # LM95234
Description  Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95234 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM95234_15 Datasheet HTML 30Page - Texas Instruments LM95234_15 Datasheet HTML 31Page - Texas Instruments LM95234_15 Datasheet HTML 32Page - Texas Instruments LM95234_15 Datasheet HTML 33Page - Texas Instruments LM95234_15 Datasheet HTML 34Page - Texas Instruments LM95234_15 Datasheet HTML 35Page - Texas Instruments LM95234_15 Datasheet HTML 36Page - Texas Instruments LM95234_15 Datasheet HTML 37Page - Texas Instruments LM95234_15 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
q
kT
=
t
V
F
I = I
x
K
t
V
BE
V
©
§
¹
·
S x
e
«
«
¬
ª
»
»
¼
º
-1
LM95234
SNIS136D – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
Bit(s)
Bit Name
Read/
Description
Write
7
0
RO
Read only bit will always report "0".
6
0
RO
Read only bit will always report "0".
5
0
RO
Read only bit will always report "0".
4
16
R/W
bit weight 16°C
3
8
R/W
bit weight 8°C
2
4
R/W
bit weight 4°C
1
2
R/W
bit weight 2°C
0
1
R/W
bit weight 1°C
IDENTIFICATION REGISTERS
Register Name
Command Read/
D7
D6
D5
D4
D3
D2
D1
D0
POR
Byte
Write
Default
(Hex)
(Hex)
Manufacturer ID
0xFE
RO
0
0
0
0
0
0
0
1
0x01
Revision ID
0xFF
RO
0
1
1
1
1
0
0
1
0x79
Applications Hints
The LM95234 can be applied easily in the same way as other integrated-circuit temperature sensors, and its
remote diode sensing capability allows it to be used in new ways as well. It can be soldered to a printed circuit
board, and because the path of best thermal conductivity is between the die and the pins, its temperature will
effectively be that of the printed circuit board lands and traces soldered to the LM95234's pins. This presumes
that the ambient air temperature is almost the same as the surface temperature of the printed circuit board; if the
air temperature is much higher or lower than the surface temperature, the actual temperature of the LM95234 die
will be at an intermediate temperature between the surface and air temperatures. Again, the primary thermal
conduction path is through the leads, so the circuit board temperature will contribute to the die temperature much
more strongly than will the air temperature.
To measure temperature external to the LM95234's die, incorporates remote diode sensing technology. This
diode can be located on the die of a target IC, allowing measurement of the IC's temperature, independent of the
LM95234's temperature. A discrete diode can also be used to sense the temperature of external objects or
ambient air. Remember that a discrete diode's temperature will be affected, and often dominated, by the
temperature of its leads. Most silicon diodes do not lend themselves well to this application. It is recommended
that an MMBT3904 transistor base emitter junction be used with the collector tied to the base.
The LM95234’s TruTherm BJT beta compensation technology allows accurate sensing of integrated thermal
diodes, such as those found on most processors. With TruTherm technology turned off, the LM95234 can
measure a diode-connected transistor such as the MMBT3904 or the thermal diode found in an AMD processor.
The LM95234 has been optimized to measure the remote thermal diode integrated in a typical Intel processor on
65 nm or 90 nm process or an MMBT3904 transistor. Using the Remote Diode Model Select register any of the
four remote inputs can be optimized for a typical Intel processor on 65 nm or 90 nm process or an MMBT3904.
DIODE NON-IDEALITY
Diode Non-Ideality Factor Effect on Accuracy
When a transistor is connected as a diode, the following relationship holds for variables VBE, T and IF:
where
q = 1.6×10
−19 Coulombs (the electron charge),
34
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95234


Similar Part No. - LM95234_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95234CISD NSC-LM95234CISD Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234CISD NSC-LM95234CISD Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95234CISDX NSC-LM95234CISDX Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234CISDX NSC-LM95234CISDX Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Similar Description - LM95234_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com