Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95233CISD/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM95233CISD/NOPB
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95233CISD/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM95233CISD/NOPB Datasheet HTML 2Page - Texas Instruments LM95233CISD/NOPB Datasheet HTML 3Page - Texas Instruments LM95233CISD/NOPB Datasheet HTML 4Page - Texas Instruments LM95233CISD/NOPB Datasheet HTML 5Page - Texas Instruments LM95233CISD/NOPB Datasheet HTML 6Page - Texas Instruments LM95233CISD/NOPB Datasheet HTML 7Page - Texas Instruments LM95233CISD/NOPB Datasheet HTML 8Page - Texas Instruments LM95233CISD/NOPB Datasheet HTML 9Page - Texas Instruments LM95233CISD/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
LM95233
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
Temperature-to-Digital Converter Electrical Characteristics (continued)
Unless otherwise noted, these specifications apply for VDD = +3.0Vdc to 3.6Vdc. Boldface limits apply for TA = TJ = TMIN
TA ≤ TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Units
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
Quiescent Current (6)
SMBus Inactive, 1Hz Conversion Rate,
570
800
µA (max)
channels in default state
Shutdown
360
µA
D
− Source Voltage
0.4
V
Remote Diode Source Current
High level
160
230
µA (max)
Low level
10
Power-On Reset Threshold
Measured on VDD input, falling edge
2.8
V (max)
1.6
V (min)
TCRIT1 Pin Temperature Threshold
Default Diodes only
+110
°C
TCRIT2 Pin Temperature Threshold
Default all channels
+85
°C
(6)
Quiescent current will not increase substantially with an SMBus communication.
Logic Electrical Characteristics
DIGITAL DC CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD = +3.0Vdc to 3.6Vdc. Boldface limits apply for TA = TJ = TMIN to
TMAX; all other limits TA= TJ=+25°C, unless otherwise noted.
Units
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
SMBDAT, SMBCLK INPUTS
VIN(1)
Logical “1” Input Voltage
2.1
V (min)
VIN(0)
Logical “0”Input Voltage
0.8
V (max)
VIN(HYST)
SMBDAT and SMBCLK Digital Input Hysteresis
400
mV
IIN(1)
Logical “1” Input Current
VIN = VDD
0.005
10
µA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
-10
µA (max)
CIN
Input Capacitance
5
pF
A0 DIGITAL INPUT
VIH
Input High Voltage
0.90 × VDD
V (min)
VIM
Input Middle Voltage
0.57 × VDD
V (max)
0.43 × VDD
V (min)
VIL
Input Low Voltage
0.10 × VDD
V (max)
IIN(1)
Logical "1" Input Current
VIN = VDD
−0.005
−10
µA (min)
IIN(0)
Logical "0" Input Current
VIN = 0V
0.005
10
µA (max)
CIN
Input Capacitance
5
pF
SMBDAT, TCRIT1, TCRIT2, TCRIT3 DIGITAL OUTPUTS
IOH
High Level Output Current
VOH = VDD
10
µA (max)
VOL(SMBDAT)
SMBus Low Level Output Voltage
IOL = 4 mA
0.4
V (max)
IOL = 6 mA
0.6
V (max)
VOL(TCRIT)
TCRIT1, TCRIT2, TCRIT3 Low Level Output
IOL= 6 mA
0.4
V (max)
Voltage
COUT
Digital Output Capacitance
5
pF
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM95233


Similar Part No. - LM95233CISD/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95233CISD NSC-LM95233CISD Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95233CISD NSC-LM95233CISD Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233CISDX NSC-LM95233CISDX Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95233CISDX NSC-LM95233CISDX Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Similar Description - LM95233CISD/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com