Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95233 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM95233
Description  Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95233 Datasheet(HTML) 5 Page - Texas Instruments

  LM95233 Datasheet HTML 1Page - Texas Instruments LM95233 Datasheet HTML 2Page - Texas Instruments LM95233 Datasheet HTML 3Page - Texas Instruments LM95233 Datasheet HTML 4Page - Texas Instruments LM95233 Datasheet HTML 5Page - Texas Instruments LM95233 Datasheet HTML 6Page - Texas Instruments LM95233 Datasheet HTML 7Page - Texas Instruments LM95233 Datasheet HTML 8Page - Texas Instruments LM95233 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LM95233
www.ti.com
SNIS145E – AUGUST 2006 – REVISED MARCH 2013
Operating Ratings
(1) (2) (3)
Operating Temperature Range
−40°C to +140°C
Electrical Characteristics Temperature Range
TMIN ≤ TA ≤ TMAX
LM95233CISD
−40°C ≤ TA ≤ +125°C
Supply Voltage Range (VDD)
+3.0V to +3.6V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(3)
Thermal resistance junction-to-ambient when attached to a 4 layer printed circuit board per JEDEC standard JESD51-7
(a) 14-lead WSON = 90°C/W (no thermal vias, no airflow)
(b) 14-lead WSON = 63°C/W (1 thermal via, no airflow)
(c) 14-lead WSON = 43°C/W(6 thermal vias, no airflow)
(d) 14-lead WSON = 31°C/W (6 thermal vias, 900 ln. ft. / min. airflow)
Note, all quoted values include +15% error factor from nominal value.
Temperature-to-Digital Converter Electrical Characteristics
Unless otherwise noted, these specifications apply for VDD = +3.0Vdc to 3.6Vdc. Boldface limits apply for TA = TJ = TMIN
TA ≤ TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Units
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
Temperature Error Using Local Diode
TA = -40°C to +125°C,
(3)
±1
±2
°C (max)
Temperature Error Using Remote Diode (4)
TA = +25°C to +85°C
65 nm Intel
±0.875
°C (max)
TD = +60°C to +100°C
Processor
TA = +25°C to +85°C
MMBT3904
±1.1
°C (max)
TD = +60°C to +100°C
Transistor
TA = +25°C to +85°C
65 nm Intel
±1.0
°C (max)
TD = 40°C to +125°C
Processor
TA = +25°C to +85°C
MMBT3904
±1.3
°C (max)
TD = −40°C to +125°C
Transistor
TA = −40°C to +85°C
65 nm Intel
±3.2
°C (max)
TD = −40°C to +125°C
Processor
TA = −40°C to +85°C
MMBT3904
±3.0
°C (max)
TD = −40°C to +125°C
Transistor
TA = −40°C to +85°C
MMBT3904
±3.3
°C (max)
TD = 125°C to +140°C
Transistor
Local Diode Measurement Resolution
11
Bits
0.125
°C
Remote Diode Measurement Resolution
Digital Filter Off
11
Bits
0.125
°C
Digital Filter On (Remote Diodes 1 and 2
13
Bits
only)
0.03125
°C
Conversion Time of All Temperatures at the
All Channels are Enabled in Default State
1100
1210
ms (max)
Fastest Setting (5)
1 External Channel TruTherm Active
34
37
ms (max)
1 External Channel TruTherm Inactive
31
34
ms (max)
Local only
30
33
ms (max)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM95233 and the thermal resistance. See Note 2 of the Operating Ratings Table above for the thermal
resistance to be used in the self-heating calculation.
(4)
The accuracy of the LM95233CISD is ensured when using a typical thermal diode of an Intel processor on a 65 nm process or an
MMBT3904 diode-connected transistor, as selected in the Remote Diode Model Select register. See Typical Performance
Characteristics for performance with Intel processor on a 90 nm process. For further information on other thermal diodes see DIODE
NON-IDEALITY
(5)
This specification is provided only to indicate how often temperature data is updated. The LM95233 can be read at any time without
regard to conversion state (and will yield last conversion result).
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM95233


Similar Part No. - LM95233

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95233 NSC-LM95233 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233CISD NSC-LM95233CISD Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95233CISD NSC-LM95233CISD Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95233CISDX NSC-LM95233CISDX Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
More results

Similar Description - LM95233

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233 Datasheet
496Kb / 5P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface, TCRITs and TruTherm??Technology
LM95234 NSC-LM95234 Datasheet
508Kb / 5P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95231 TI-LM95231_15 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com