Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM95231BIMM-1/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. LM95231BIMM-1/NOPB
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95231BIMM-1/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM95231BIMM-1/NOPB Datasheet HTML 4Page - Texas Instruments LM95231BIMM-1/NOPB Datasheet HTML 5Page - Texas Instruments LM95231BIMM-1/NOPB Datasheet HTML 6Page - Texas Instruments LM95231BIMM-1/NOPB Datasheet HTML 7Page - Texas Instruments LM95231BIMM-1/NOPB Datasheet HTML 8Page - Texas Instruments LM95231BIMM-1/NOPB Datasheet HTML 9Page - Texas Instruments LM95231BIMM-1/NOPB Datasheet HTML 10Page - Texas Instruments LM95231BIMM-1/NOPB Datasheet HTML 11Page - Texas Instruments LM95231BIMM-1/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
10
100
1000
10000
CONVERSION TIME (ms)
0.0
0.25
0.5
0.75
1.0
1.25
1.5
1.75
2.0
VDD = +3.3V
TA = 25
oC
LM95231
SNIS139E – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Thermal Diode Capacitor or PCB Leakage Current Effect
Remote Temperature Reading Sensitivity to Thermal Diode
Remote Diode Temperature Reading
Filter Capacitance
Figure 3.
Figure 4.
Conversion Rate Effect on Average Power Supply Current
Figure 5.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM95231


Similar Part No. - LM95231BIMM-1/NOPB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231BIMM-1 NSC-LM95231BIMM-1 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Similar Description - LM95231BIMM-1/NOPB

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz