Electronic Components Datasheet Search |
|
LM95231BIMM-1/NOPB Datasheet(PDF) 6 Page - Texas Instruments |
|
|
LM95231BIMM-1/NOPB Datasheet(HTML) 6 Page - Texas Instruments |
6 / 30 page VIH VIL SMBCLK P S VIH VIL SMBDAT tBUF tHD;STA tLOW tR tHD;DAT tHIGH tF tSU;DAT tSU;STA tSU;STO P S LM95231 SNIS139E – FEBRUARY 2005 – REVISED MARCH 2013 www.ti.com Logic Electrical Characteristics SMBus Digital Switching Characteristics Unless otherwise noted, these specifications apply for VDD=+3.0 Vdc to +3.6 Vdc, CL (load capacitance) on output lines = 80 pF. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted. The switching characteristics of the LM95231 fully meet or exceed the published specifications of the SMBus version 2.0. The following parameters are the timing relationships between SMBCLK and SMBDAT signals related to the LM95231. They adhere to but are not necessarily the SMBus bus specifications. Symbol Parameter Conditions Typical(1) Limits(2) Units (Limit) fSMB SMBus Clock Frequency 100 kHz (max) 10 kHz (min) tLOW SMBus Clock Low Time from VIN(0)max to VIN(0)max 4.7 µs (min) 25 ms (max) tHIGH SMBus Clock High Time from VIN(1)min to VIN(1)min 4.0 µs (min) tR,SMB SMBus Rise Time See(3) 1 µs (max) tF,SMB SMBus Fall Time See(4) 0.3 µs (max) tOF Output Fall Time CL = 400pF, 250 ns (max) IO = 3mA (4) tTIMEOUT SMBDAT and SMBCLK Time Low for Reset of 25 ms (min) Serial Interface(5) 35 ms (max) tSU;DAT Data In Setup Time to SMBCLK High 250 ns (min) tHD;DAT Data Out Stable after SMBCLK Low 300 ns (min) 1075 ns (max) tHD;STA Start Condition SMBDAT Low to SMBCLK Low 100 ns (min) (Start condition hold before the first clock falling edge) tSU;STO Stop Condition SMBCLK High to SMBDAT Low 100 ns (min) (Stop Condition Setup) tSU;STA SMBus Repeated Start-Condition Setup Time, 0.6 µs (min) SMBCLK High to SMBDAT Low tBUF SMBus Free Time Between Stop and Start 1.3 µs (min) Conditions (1) Typicals are at TA = 25°C and represent most likely parametric norm at time of product characterization. The typical specifications are not ensured. (2) Limits are specified to AOQL (Average Outgoing Quality Level). (3) The output rise time is measured from (VIN(0)max + 0.15V) to (VIN(1)min − 0.15V). (4) The output fall time is measured from (VIN(1)min - 0.15V) to (VIN(1)min + 0.15V). (5) Holding the SMBDAT and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM95231's SMBus state machine, therefore setting SMBDAT and SMBCLK pins to a high impedance state. Figure 2. SMBus Communication 6 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LM95231 |
Similar Part No. - LM95231BIMM-1/NOPB |
|
Similar Description - LM95231BIMM-1/NOPB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |