Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK-460 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK-460
Description  Thick Film Hybrid IC(2 Power 2 Channel 10 to 30 W, AF Power AMP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK-460 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK-460 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - STK-460

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK-460 SANYO-STK-460 Datasheet
46Kb / 1P
   2 POWER 2 CHANNEL 10 to 30W min AF POWER AMP
More results

Similar Description - STK-460

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4231II SANYO-STK4231II Datasheet
319Kb / 7P
   2-Channel 100W min AF Power Amp(Dual Supplies), Thick Film Hybrid IC
STK4141 SANYO-STK4141 Datasheet
85Kb / 2P
   Thick Film Hybrid Integrated Circuit 2-CHANNEL 25W MIN AF POWER AMP.
STK4873 SANYO-STK4873 Datasheet
190Kb / 4P
   THICK FILM HYBRID INTEQRATED CIRCUIT 35W MIN 2-CHANNEL AF POWER AMP(DUAL SUPPLY)
STK463 SANYO-STK463 Datasheet
46Kb / 1P
   2 POWER 2 CHANNEL 10 to 30W min AF POWER AMP
LA4558 SANYO-LA4558 Datasheet
282Kb / 8P
   2-Channel AF Power Amp
STK4171X SANYO-STK4171X Datasheet
72Kb / 3P
   2-Channel AF Power Amp
STK4273 SANYO-STK4273 Datasheet
133Kb / 3P
   2 Channel AF Power Amp
logo
List of Unclassifed Man...
STK4101II ETC-STK4101II Datasheet
104Kb / 2P
   2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com