Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM95231 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part No. LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95231 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM95231 Datasheet HTML 13Page - Texas Instruments LM95231 Datasheet HTML 14Page - Texas Instruments LM95231 Datasheet HTML 15Page - Texas Instruments LM95231 Datasheet HTML 16Page - Texas Instruments LM95231 Datasheet HTML 17Page - Texas Instruments LM95231 Datasheet HTML 18Page - Texas Instruments LM95231 Datasheet HTML 19Page - Texas Instruments LM95231 Datasheet HTML 20Page - Texas Instruments LM95231 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LM95231
www.ti.com
SNIS139E – FEBRUARY 2005 – REVISED MARCH 2013
REMOTE DIODE FILTER CONTROL REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
R2FE
0
R1FE
Bits
Name
Description
7-3
Reserved
Reports "0" when read.
2
Remote 2 Filter Enable (R2FE)
0: Filter Off
1: Noise Filter On
1
Reserved
Reports "0" when read.
0
Remote 1 Filter Enable (R1FE)
0: Filter Off
1: Noise Filter On
Power up default is 05h.
REMOTE DIODE MODEL TYPE SELECT REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
R2MS
0
R1MS
Bits
Name
Description
7-3
Reserved
Reports "0" when read.
2
Remote Diode 2 Model Select (R2MS)
0: 2N3904 model (make sure TruTherm mode is disabled)
1: Pentium 4 processor on 90nm process model (make sure TruTherm mode
is enabled)
Power up default is 0.
1
Reserved
Reports "0" when read.
0
Remote Diode 1 Model Select (R1MS)
0: 2N3904 model (make sure TruTherm mode is disabled)
1: Pentium 4 processor on 90nm process model (make sure TruTherm mode
is enabled)
Power up default is 1.
Power up default is 01h.
REMOTE TruTherm MODE CONTROL
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
R2M2
R2M1
R2M0
Reserved
R1M2
R1M1
R1M0
Bits
Description
7
Reserved
Must be left at 0.
6-4
R2M2:R2M0
000: Remote 2 TruTherm Mode disabled; used when measuring MMBT3904
transistors
001: Remote 2 TruTherm Mode enabled; used when measuring Processors
111: Remote 2 TruTherm Mode enabled; used when measuring Processors
Note, all other codes provide unspecified results and should not be used.
3
Reserved
Must be left at 0.
2-0
R1M2:R1M0
000: Remote 1 TruTherm Mode disabled; used when measuring MMBT3904
transistors
001: Remote 1 TruTherm Mode enabled; used when measuring Processors
111: Remote 1 TruTherm Mode enabled; used when measuring Processors
Note, all other codes provide unspecified results and should not be used.
Power up default is 01h.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM95231


Similar Part No. - LM95231

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95231 NSC-LM95231 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM NSC-LM95231BIMM Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-1 NSC-LM95231BIMM-1 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-2 NSC-LM95231BIMM-2 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Similar Description - LM95231

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz