Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM95231 Datasheet(PDF) 19 Page - Texas Instruments

Part No. LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95231 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM95231_15 Datasheet HTML 15Page - Texas Instruments LM95231_15 Datasheet HTML 16Page - Texas Instruments LM95231_15 Datasheet HTML 17Page - Texas Instruments LM95231_15 Datasheet HTML 18Page - Texas Instruments LM95231_15 Datasheet HTML 19Page - Texas Instruments LM95231_15 Datasheet HTML 20Page - Texas Instruments LM95231_15 Datasheet HTML 21Page - Texas Instruments LM95231_15 Datasheet HTML 22Page - Texas Instruments LM95231_15 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
IF = IS e
Vbe
KVt
Vt =
k T
q
IF = IS x e
-1
VBE
K x Vt
LM95231
www.ti.com
SNIS139E – FEBRUARY 2005 – REVISED MARCH 2013
DIE REVISION CODE REGISTER
(Read Address FFh) The default value is A1h. This register will increment by 1 every time there is a revision to
the die by Texas Instruments.
Applications Hints
The LM95231 can be applied easily in the same way as other integrated-circuit temperature sensors, and its
remote diode sensing capability allows it to be used in new ways as well. It can be soldered to a printed circuit
board, and because the path of best thermal conductivity is between the die and the pins, its temperature will
effectively be that of the printed circuit board lands and traces soldered to the LM95231's pins. This presumes
that the ambient air temperature is almost the same as the surface temperature of the printed circuit board; if the
air temperature is much higher or lower than the surface temperature, the actual temperature of the LM95231 die
will be at an intermediate temperature between the surface and air temperatures. Again, the primary thermal
conduction path is through the leads, so the circuit board temperature will contribute to the die temperature much
more strongly than will the air temperature.
To measure temperature external to the LM95231's die, use a remote diode. This diode can be located on the
die of a target IC, allowing measurement of the IC's temperature, independent of the LM95231's temperature. A
discrete diode can also be used to sense the temperature of external objects or ambient air. Remember that a
discrete diode's temperature will be affected, and often dominated, by the temperature of its leads. Most silicon
diodes do not lend themselves well to this application. It is recommended that an MMBT3904 transistor base
emitter junction be used with the collector tied to the base.
The LM95231's TruTherm technology allows accurate sensing of integrated thermal diodes, such as those found
on processors. With TruTherm technology turned off, the LM95231 can measure a diode connected transistor
such as the MMBT3904.
The LM95231 has been optimized to measure the remote thermal diode integrated in a Pentium 4 processor on
90nm process or an MMBT3904 transistor. Using the Remote Diode Model Select register either pair of remote
inputs can be assigned to be either a Pentium 4 processor on 90nm process or an MMBT3904.
DIODE NON-IDEALITY
Diode Non-Ideality Factor Effect on Accuracy
When a transistor is connected as a diode, the following relationship holds for variables VBE, T and IF:
where
q = 1.6×10
−19 Coulombs (the electron charge),
T = Absolute Temperature in Kelvin
k = 1.38×10
−23joules/K (Boltzmann's constant),
η is the non-ideality factor of the process the diode is manufactured on,
IS = Saturation Current and is process dependent,
If= Forward Current through the base emitter junction
VBE = Base Emitter Voltage drop
(1)
In the active region, the -1 term is negligible and may be eliminated, yielding the following equation
(2)
In Equation 2,
η and IS are dependant upon the process that was used in the fabrication of the particular diode.
By forcing two currents with a very controlled ratio(IF2/IF1) and measuring the resulting voltage difference, it is
possible to eliminate the IS term. Solving for the forward voltage difference yields the relationship:
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM95231


Similar Part No. - LM95231_15

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231BIMM NSC-LM95231BIMM Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-1 NSC-LM95231BIMM-1 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-2 NSC-LM95231BIMM-2 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMMX NSC-LM95231BIMMX Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMMX-1 NSC-LM95231BIMMX-1 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Similar Description - LM95231_15

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz