Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM95231 Datasheet(PDF) 18 Page - Texas Instruments

Part No. LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95231 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM95231_15 Datasheet HTML 14Page - Texas Instruments LM95231_15 Datasheet HTML 15Page - Texas Instruments LM95231_15 Datasheet HTML 16Page - Texas Instruments LM95231_15 Datasheet HTML 17Page - Texas Instruments LM95231_15 Datasheet HTML 18Page - Texas Instruments LM95231_15 Datasheet HTML 19Page - Texas Instruments LM95231_15 Datasheet HTML 20Page - Texas Instruments LM95231_15 Datasheet HTML 21Page - Texas Instruments LM95231_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LM95231
SNIS139E – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
LOCAL and REMOTE MSB and LSB TEMPERATURE REGISTERS
Local Temperature MSB
(Read Only Address 10h) 9-bit plus sign format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
Temperature Data: LSb = 1°C.
Local Temperature LSB
(Read Only Address 20h) 9-bit plus sign format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0
0
0
0
0
0
Temperature Data: LSb = 0.25°C.
Remote Temperature MSB
(Read Only Address 11h, 12h) 10 bit plus sign format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
SIGN
64
32
16
8
4
2
1
Temperature Data: LSb = 1°C.
(Read Only Address 11h, 12h) 11-bit unsigned format:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
128
64
32
16
8
4
2
1
Temperature Data: LSb = 1°C.
Remote Temperature LSB
12-bit plus sign or 13-bit unsigned binary formats with filter on:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0
0
0
0
0
Temperature Data: LSb = 0.125°C or 1/8°C.
12-bit plus sign or 13-bit unsigned binary formats with filter on:
BIT
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0.0625
0.03125
0
0
0
Temperature Data: LSb = 0.03125°C or 1/32°C.
For data synchronization purposes, the MSB register should be read first if the user wants to read both MSB and
LSB registers. The LSB will be locked after the MSB is read. The LSB will be unlocked after being read. If the
user reads MSBs consecutively, each time the MSB is read, the LSB associated with that temperature will be
locked in and override the previous LSB value locked-in.
MANUFACTURERS ID REGISTER
(Read Address FEh) The default value is 01h.
18
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM95231


Similar Part No. - LM95231_15

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231BIMM NSC-LM95231BIMM Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-1 NSC-LM95231BIMM-1 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-2 NSC-LM95231BIMM-2 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMMX NSC-LM95231BIMMX Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMMX-1 NSC-LM95231BIMMX-1 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Similar Description - LM95231_15

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz