Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95231 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95231 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM95231_15 Datasheet HTML 11Page - Texas Instruments LM95231_15 Datasheet HTML 12Page - Texas Instruments LM95231_15 Datasheet HTML 13Page - Texas Instruments LM95231_15 Datasheet HTML 14Page - Texas Instruments LM95231_15 Datasheet HTML 15Page - Texas Instruments LM95231_15 Datasheet HTML 16Page - Texas Instruments LM95231_15 Datasheet HTML 17Page - Texas Instruments LM95231_15 Datasheet HTML 18Page - Texas Instruments LM95231_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LM95231
www.ti.com
SNIS139E – FEBRUARY 2005 – REVISED MARCH 2013
2. When SMBDAT is HIGH, have the master initiate an SMBus start. The LM95231 will respond properly to an
SMBus start condition at any point during the communication. After the start the LM95231 will expect an
SMBus Address address byte.
ONE-SHOT CONVERSION
The One-Shot register is used to initiate a single conversion and comparison cycle when the device is in standby
mode, after which the device returns to standby. This is not a data register and it is the write operation that
causes the one-shot conversion. The data written to this address is irrelevant and is not stored. A zero will
always be read from this register.
LM95231 Registers
Command register selects which registers will be read from or written to. Data for this register should be
transmitted during the Command Byte of the SMBus write communication.
P7
P6
P5
P4
P3
P2
P1
P0
Command
P0-P7: Command
Table 6. Register Summary
Name
Command
Power-On
Read/Write
# of used bits
Comments
(Hex)
Default Value
(Hex)
Status Register
02h
-
RO
5
4 status bits and 1 busy bit
Configuration Register
03h
00h
R/W
5
Includes conversion rate control
Remote Diode Filter Control
06h
05h
R/W
2
Controls thermal diode filter
setting
Remote Diode Model Type
30h
01h
R/W
2
Selects the 2N3904 or Pentium
Select
4 processor on 90nm process
thermal diode model
Remote Diode TruTherm Mode
07h
01h
8
Enables or disables TruTherm
Control
technology for Remote Diode
measurements
1-shot
0Fh
-
WO
-
Activates one conversion for all
3 channels if the chip is in
standby mode (i.e. RUN/STOP
bit = 1). Data transmitted by the
host is ignored by the LM95231.
Local Temperature MSB
10h
-
RO
8
Remote Temperature 1 MSB
11h
-
RO
8
Remote Temperature 2 MSB
12h
-
RO
8
Local Temperature LSB
20h
-
RO
2
All unused bits will report zero
Remote Temperature 1 LSB
21h
-
RO
3/5
All unused bits will report zero
Remote Temperature 2 LSB
22h
-
RO
3/5
All unused bits will report zero
Manufacturer ID
FEh
01h
RO
Revision ID
FFh
A1h
RO
STATUS REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
Busy
Reserved
R2TME
R1TME
RD2M
RD1M
0
0
0
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM95231


Similar Part No. - LM95231_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95231BIMM NSC-LM95231BIMM Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-1 NSC-LM95231BIMM-1 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-2 NSC-LM95231BIMM-2 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMMX NSC-LM95231BIMMX Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMMX-1 NSC-LM95231BIMMX-1 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Similar Description - LM95231_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
logo
National Semiconductor ...
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
logo
Texas Instruments
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
logo
National Semiconductor ...
LM95241 NSC-LM95241 Datasheet
717Kb / 19P
   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
logo
Texas Instruments
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com