![]() |
Electronic Components Datasheet Search |
|
LM95231 Datasheet(PDF) 11 Page - Texas Instruments |
|
LM95231 Datasheet(HTML) 11 Page - Texas Instruments |
11 / 30 page ![]() LM95231 www.ti.com SNIS139E – FEBRUARY 2005 – REVISED MARCH 2013 Part Number A6 A5 A4 A3 A2 A1 A0 LM95231BIMM, 1 0 1 0 1 1 1 LM95231CIMM LM95231BIMM-1, 0 0 1 1 0 0 1 LM95231CIMM-1 LM95231BIMM-2, 0 1 0 1 0 1 0 LM95231CIMM-2 TEMPERATURE DATA FORMAT Temperature data can only be read from the Local and Remote Temperature registers . Remote temperature data with the digital filter off is represented by an 11-bit, two's complement word or unsigned binary word with an LSb (Least Significant Bit) equal to 0.125°C. The data format is a left justified 16-bit word available in two 8-bit registers. Unused bits will always report "0". Table 2. 11-bit, 2's complement (10-bit plus sign) Temperature Digital Output Binary Hex +125°C 0111 1101 0000 0000 7D00h +25°C 0001 1001 0000 0000 1900h +1°C 0000 0001 0000 0000 0100h +0.125°C 0000 0000 0010 0000 0020h 0°C 0000 0000 0000 0000 0000h −0.125°C 1111 1111 1110 0000 FFE0h −1°C 1111 1111 0000 0000 FF00h −25°C 1110 0111 0000 0000 E700h −55°C 1100 1001 0000 0000 C900h Table 3. 11-bit, unsigned binary Temperature Digital Output Binary Hex +255.875°C 1111 1111 1110 0000 FFE0h +255°C 1111 1111 0000 0000 FF00h +201°C 1100 1001 0000 0000 C900h +125°C 0111 1101 0000 0000 7D00h +25°C 0001 1001 0000 0000 1900h +1°C 0000 0001 0000 0000 0100h +0.125°C 0000 0000 0010 0000 0020h 0°C 0000 0000 0000 0000 0000h Remote temperature data with the digital filter on is represented by a 13-bit, two's complement word or unsigned binary word with an LSb (Least Significant Bit) equal to 0.03125°C (1/32°C). The data format is a left justified 16- bit word available in two 8-bit registers. Unused bits will always report "0". Copyright © 2005–2013, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: LM95231 |
Similar Part No. - LM95231_15 |
|
Similar Description - LM95231_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |