Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM95231 Datasheet(PDF) 4 Page - Texas Instruments

Part No. LM95231
Description  Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95231 Datasheet(HTML) 4 Page - Texas Instruments

  LM95231_15 Datasheet HTML 1Page - Texas Instruments LM95231_15 Datasheet HTML 2Page - Texas Instruments LM95231_15 Datasheet HTML 3Page - Texas Instruments LM95231_15 Datasheet HTML 4Page - Texas Instruments LM95231_15 Datasheet HTML 5Page - Texas Instruments LM95231_15 Datasheet HTML 6Page - Texas Instruments LM95231_15 Datasheet HTML 7Page - Texas Instruments LM95231_15 Datasheet HTML 8Page - Texas Instruments LM95231_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LM95231
SNIS139E – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Operating Ratings
(1) (2)
Operating Temperature Range
0°C to +125°C
Electrical Characteristics Temperature Range
TMIN≤TA≤TMAX
LM95231BIMM, LM95231CIMM
0°C
≤TA≤+85°C
Supply Voltage Range (VDD)
+3.0V to +3.6V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is ensured to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics. The ensured specifications apply only for the test condition listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
Maximum Operating Ratings is not recommended.
(2)
Thermal resistance junction-to-ambient when attached to a printed circuit board with 1oz. foil and no airflow:
— VSSOP-8 = 210°C/W
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for VDD=+3.0Vdc to 3.6Vdc. Boldface limits apply for TA = TJ =
TMIN≤TA≤TMAX; all other limits TA= TJ=+25°C, unless otherwise noted. TJ is the junction temperature of the LM95231. TD is the
junction temperature of the remote thermal diode.
PARAMETER
TEST CONDITIONS
Typical(
LM9523
LM9523
UNIT
1)
1
1
BIMM
CIMM
Limits(2)
Limits(2)
Accuracy Using Local Diode
TA = 0°C to +85°C
(3) (4)
±1
±3
±3
°C (max)
Accuracy Using Remote Diode, see(5)
TA = +20°C to +40°C; TD =
Intel 90nm Thermal
±0.75
°C (max)
for Thermal Diode Processor Type.
+45°C to +85°C
Diode
TA = +20°C to +40°C; TD =
MMBT3904 Thermal
±1.25
°C (max)
+45°C to +85°C
Diode
TA = +20°C to +40°C; TD =
Intel 90nm and
±1.25
°C (max)
+45°C to +85°C
MMBT3904 Thermal
Diodes
TA = +0°C to +85°C; TD =
Intel 90nm and
±2.5
±2.5
°C (max)
+25°C to +140°C
MMBT3904 Thermal
Diodes
Remote Diode Measurement Resolution
10+sign/
Bits
with filtering turned off
11
0.125
°C
Remote Diode Measurement Resolution
12+sign/
Bits
with digital filtering turned on
13
0.03125
°C
Local Diode Measurement Resolution
9+sign
Bits
0.25
°C
Conversion Time of All Temperatures at
See(6) TruTherm Mode Disabled
75.8
83.9
83.9
ms
the Fastest Setting
(max)
TruTherm Mode enabled
79.2
87.7
87.7
ms
(max)
Average Quiescent Current(7)
SMBus Inactive, 1 Hz conversion rate
402
545
545
µA (max)
Shutdown
272
µA
D
− Source Voltage
0.4
V
(1)
Typicals are at TA = 25°C and represent most likely parametric norm at time of product characterization. The typical specifications are
not ensured.
(2)
Limits are specified to AOQL (Average Outgoing Quality Level).
(3)
Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the
internal power dissipation of the LM95231 and the thermal resistance. See Note 2 of the Operating Ratings table for the thermal
resistance to be used in the self-heating calculation.
(4)
Thermal resistance junction-to-ambient when attached to a printed circuit board with 1oz. foil and no airflow:
— VSSOP-8 = 210°C/W
(5)
The accuracy of the LM95231 is ensured when using the thermal diode of Pentium 4 processor on 90nm process or an MMBT3904 type
transistor, as selected in the Remote Diode Model Select register.
(6)
This specification is provided only to indicate how often temperature data is updated. The LM95231 can be read at any time without
regard to conversion state (and will yield last conversion result).
(7)
Quiescent current will not increase substantially when the SMBus is active.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM95231


Similar Part No. - LM95231_15

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231BIMM NSC-LM95231BIMM Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-1 NSC-LM95231BIMM-1 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMM-2 NSC-LM95231BIMM-2 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMMX NSC-LM95231BIMMX Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95231BIMMX-1 NSC-LM95231BIMMX-1 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
More results

Similar Description - LM95231_15

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231_06 Datasheet
704Kb / 20P
   Precision Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235 Datasheet
797Kb / 25P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm Technology
LM95235 NSC-LM95235_08 Datasheet
553Kb / 28P
   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
Texas Instruments
Texas Instruments
LM95235 TI-LM95235_15 Datasheet
1,007Kb / 36P
[Old version datasheet]   Precision Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM95233 NSC-LM95233_07 Datasheet
756Kb / 36P
   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95233 TI-LM95233_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
National Semiconductor (TI)
National Semiconductor ...
LM95234 NSC-LM95234_07 Datasheet
826Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm Technology
Texas Instruments
Texas Instruments
LM95241 TI-LM95241_15 Datasheet
1Mb / 30P
[Old version datasheet]   Dual Remote Diode Temperature Sensor with SMBus Interface and TruTherm??Technology (65nm/90nm)
LM95234 TI-LM95234_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface and TruTherm??Technology
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz