Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95213 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM95213
Description  2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95213 Datasheet(HTML) 1 Page - Texas Instruments

  LM95213 Datasheet HTML 1Page - Texas Instruments LM95213 Datasheet HTML 2Page - Texas Instruments LM95213 Datasheet HTML 3Page - Texas Instruments LM95213 Datasheet HTML 4Page - Texas Instruments LM95213 Datasheet HTML 5Page - Texas Instruments LM95213 Datasheet HTML 6Page - Texas Instruments LM95213 Datasheet HTML 7Page - Texas Instruments LM95213 Datasheet HTML 8Page - Texas Instruments LM95213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
LM95213
www.ti.com
SNIS147A – MARCH 2007 – REVISED MARCH 2013
2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT
Outputs
Check for Samples: LM95213
1
FEATURES
DESCRIPTION
The LM95213 is an 11-bit digital temperature sensor
23
Accurately Senses Die Temperature of 2
with a 2-wire System Management Bus (SMBus)
Remote ICs or Diode Junctions and Local
interface that can monitor the temperature of two
Temperature
remote diodes as well as its own temperature. The
0.125°C LSb Temperature Resolution
LM95213 can be used to very accurately monitor the
temperature of up to two external devices such as
0.03125°C LSb Remote Temperature
microprocessors,
graphics
processors
or
diode-
Resolution with Digital Filter Enabled
connected 2N3904s.
+127.875°C/–128°C and 0°C/255°C Remote
Ranges
The LM95213 reports temperature in two different
formats for +127.875°C/–128°C range and 0°C/255°C
Programmable Digital Filters and Analog Front
range. The LM95213 TCRIT1, TCRIT2 and TCRIT3
End Filter
outputs are triggered when any unmasked channel
Remote Diode Fault Detection, Model
exceeds its corresponding programmable limit and
Selection and Offset Correction
can be used to shutdown the system, to turn on the
system fans or as a microcontroller interrupt function.
Mask and Status Register Support
The current status of the TCRIT1, TCRIT2 and
3 Programmable TCRIT Outputs with
TCRIT3 pins can be read back from the status
Programmable Shared Hysteresis
registers. Mask registers are available for further
Programmable Conversion Rate and Shutdown
control of the TCRIT outputs.
Mode One-Shot Conversion Control
The LM95213's remote temperature channels have
SMBus 2.0 Compatible Interface, Supports
programmable digital filters to minimize unwanted
TIMEOUT
TCRIT
events
when
temperature
spikes
are
encountered.
Three-Level Address Pin
14-Pin WSON Package
For optimum flexibility and accuracy each LM95213
channel
includes
offset
correction
registers
for
targeting diodes other than the 2N3904. A three level
APPLICATIONS
address pin allows connection of up to 3 LM95213s
Processor/Computer System Thermal
to the same SMBus master. The LM95213 includes
Management (e.g. Laptop, Desktop,
power saving functions such as: programmable
Workstations, Server)
conversion rate, shutdown mode, and turn off of
Electronic Test Equipment
unused channels.
Office Electronics
Table 1. Key Specifications
VALUE
UNIT
Local Temperature Accuracy
±2.0
°C (max)
Remote Diode Temperature Accuracy
±1.1
°C (max)
Supply Voltage
3.0 to 3.6
V
Average Supply Current (1Hz conversion rate)
0.57
mA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
TruTherm is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM95213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95213 NSC-LM95213 Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM95213CISD NSC-LM95213CISD Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM95213CISDX NSC-LM95213CISDX Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
More results

Similar Description - LM95213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95213 NSC-LM95213 Datasheet
721Kb / 34P
   2-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface and TCRIT Outputs
LM83 NSC-LM83 Datasheet
331Kb / 20P
   Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM83 TI-LM83_15 Datasheet
337Kb / 22P
[Old version datasheet]   Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82_15 Datasheet
713Kb / 25P
[Old version datasheet]   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM89 TI-LM89 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
[Old version datasheet]   Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com