Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM95172 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM95172
Description  13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM95172 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM95172_15 Datasheet HTML 7Page - Texas Instruments LM95172_15 Datasheet HTML 8Page - Texas Instruments LM95172_15 Datasheet HTML 9Page - Texas Instruments LM95172_15 Datasheet HTML 10Page - Texas Instruments LM95172_15 Datasheet HTML 11Page - Texas Instruments LM95172_15 Datasheet HTML 12Page - Texas Instruments LM95172_15 Datasheet HTML 13Page - Texas Instruments LM95172_15 Datasheet HTML 14Page - Texas Instruments LM95172_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Temperature Reg Read
(16 bits)
Command Byte
Write (8 bits)
Data Register
Read or Write (16 bits)
CS
SI/O
D16
D0
D0
D16
P7
P0
Command Byte
Write (8 bits)
Data Register
Read or Write (16 bits)
D0
D16
P0
P7
SC
1
8
1
16
1
8
1
16
16
1
Temperature Reg Read
(16 bits)
Command Byte
Write (8 bits)
Data Register
Read or Write (16 bits)
CS
SI/O
D16
D0
D0
D16
P7
P0
SC
1
16
1
16
1
8
LM95172
www.ti.com
SNOSB33B – DECEMBER 2009 – REVISED MARCH 2013
Figure 12. Reading the Temperature Register followed by a read or write from another register
(Control/Status, THIGH, TLOW, or Identification register)
Figure 13. Reading the Temperature Register followed by repeated commands and Data Register
accesses (Control/Status, THIGH, TLOW, or Identification register)
TEMPERATURE DATA FORMAT
Temperature data is represented by a 13- to 16-bit, two's complement word with a Least Significant Bit (LSB)
equal to 0.0625 °C (13-bits), 0.03125 °C (14-bits), 0.015625 °C (15-bits) or 0.0078125 °C (16-bits). See
Temperature Register for definition of the bits in the Temperature Register.
Table 1. 13-Bit Resolution. First Bit (D15) is Sign, the last bit (D0) is Toggle and bits D1 and D2 are
always 0.
13-bit Resolution Digital Output
Temperature
All 16 Bits
Bits D15 - D3
16-bit Binary
Hex
Hex
0101011110000 000
5780
+175°C
0AF0
0101011110000 001
5781
0100101100000 000
4B00
+150°C
0960
0100101100000 001
4B01
0010100000000 000
2800
+80°C
0500
0010100000000 001
2801
0000110010000 000
0C80
+25°C
0190
0000110010000 001
0C81
0000000000001 000
0008
+0.0625°C
0001
0000000000001 001
0009
0000000000000 000
0000
0°C
0000
0000000000000 001
0001
1111111111111 000
FFF8
−0.0625°C
1FFF
1111111111111 001
FFF9
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM95172


Similar Part No. - LM95172_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95172EWG NSC-LM95172EWG Datasheet
410Kb / 22P
   13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
LM95172EWG10A NSC-LM95172EWG10A Datasheet
410Kb / 22P
   13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
LM95172Q NSC-LM95172Q Datasheet
467Kb / 24P
   Digital Temperature Sensor in Die Form with 짹1C Accuracy from 130C to 160C
LM95172QA2MDA NSC-LM95172QA2MDA Datasheet
467Kb / 24P
   Digital Temperature Sensor in Die Form with 짹1C Accuracy from 130C to 160C
More results

Similar Description - LM95172_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM95172 NSC-LM95172 Datasheet
410Kb / 22P
   13-Bit to 16-Bit 200째C Digital Temp Sensor with 3-Wire Interface
logo
Texas Instruments
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Analog Devices
ADT7301 AD-ADT7301_17 Datasheet
319Kb / 17P
   13-Bit, Digital Temperature Sensor
logo
Burr-Brown (TI)
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com