Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-M611 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part No. HCPL-M611
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HCPL-M611 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CAUTION: The small device geometries inherent to the design of this bipolar component increase the component's
susceptibility to damage from electrostatic discharge (ESD). It is advised that normal static precautions be taken
in handling and assembly of this component to prevent damage and/or degradation which may be induced by
ESD.
Small Outline, 5 Lead, High
CMR, High Speed, Logic Gate
Optocouplers
Technical Data
HCPL-M600
HCPL-M601
HCPL-M611
Description
These small outline high CMR,
high speed, logic gate optocoup-
lers are single channel devices in
a five lead miniature footprint.
They are electrically equivalent to
the following Agilent
optocouplers (except there is no
output enable feature):
SO-5 Package
Standard DIP
SO-8 Package
HCPL-M600
6N137
HCPL-0600
HCPL-M601
HCPL-2601
HCPL-0601
HCPL-M611
HCPL-2611
HCPL-0611
The SO-5 JEDEC registered (MO-
155) package outline does not
require “through holes” in a PCB.
This package occupies
approximately one fourth the
footprint area of the standard
dual-in-line package. The lead
profile is designed to be com-
patible with standard surface
mount processes.
The HCPL-M600/01/11 optically
coupled gates combine a GaAsP
light emitting diode and an
integrated high gain photon
detector. The output of the
detector I.C. is an Open-collector
Schottky-clamped transistor. The
internal shield provides a
guaranteed common mode
transient immunity specification of
5,000 V/
µs for the HCPL-M601,
and 10,000 V/
µs for the HCPL-
M611.
This unique design provides
maximum ac and dc circuit
isolation while achieving TTL
compatibility. The optocoupler ac
and dc operational parameters are
guaranteed from -40
°Cto85°C
allowing trouble free system
performance.
Features
•SurfaceMountable
• Very Small, Low Profile
JEDECRegisteredPackage
Outline
• Compatible with Infrared
VaporPhaseReflowand
WaveSolderingProcesses
• Internal Shield for High
CommonModeRejection
(CMR)
HCPL-M601: 10,000 V/
µsat
VCM = 50 V
HCPL-M611: 15,000 V/
µsat
VCM = 1000 V
• High Speed: 10 Mbd
•LSTTL/TTLCompatible
• Low Input Current
Capability: 5 mA
• Guaranteed ac and dc
Performanceover
Temperature: -40
°Cto85°C
•Recognizedunderthe
Component Program of U.L.
(File No. E55361) for
DielectricWithstandProof
Test Voltage of 2500 Vac, 1
Minute


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn