Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HCPL-M611 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part No. HCPL-M611
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HP [Agilent(Hewlett-Packard)]
Homepage  http://www.home.agilent.com
Logo 

HCPL-M611 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Electrical Specifications
Over recommended temperature (TA = -40°C to 85°C) unless otherwise specified. (See note 1.)
Parameter
Symbol Min. Typ.* Max.
Units
Test Conditions
Fig.
Note
Input Threshold
ITH
25
mA
VCC = 5.5 V, IO ≥13 mA,
13
Current
VO = 0.6 V
High Level Output
IOH
5.5
100
µAV
CC = 5.5 V, VO = 5.5 V
1
Current
IF = 250 µA
Low Level Output
VOL
0.4
0.6
V
VCC = 5.5 V, IF = 5 mA,
2, 4,
Voltage
IOL (Sinking) = 13 mA
5, 13
High Level Supply
ICCH
4
7.5
mA
VCC = 5.5 V, IF = 0 mA,
Current
Low Level Supply
ICCL
6
10.5
VCC = 5.5 V, IF = 10 mA,
Current
Input Forward
VF
1.4
1.75
V
TA = 25°C3
Voltage
1.5
1.3
1.85
IF = 10 mA
Input Reverse
BVR
5IR = 10 µA
Breakdown Voltage
Input Capacitance
CIN
60
pF
VF = 0V, f = 1 MHz
Input Diode
∆V
F/∆TA
-1.6
mV/
°C
IF = 10 mA
12
Temperature
Coefficient
Input-Output
VISO
2500
VRMS
RH
≤ 50%, t = 1 min.
3, 4
Insulation
Resistance
RI-O
1012
VI-O = 500 V
3
(Input-Output)
Capacitance
CI-O
0.6
pF
f = 1 MHz
3
(Input-Output)
*All typicals at TA = 25°C, VCC = 5 V.
Insulation Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
≥5
mm
Measured from input terminals
(Clearance)
to output terminals
Min. External Tracking Path
L(IO2)
≥5
mm
Measured from input terminals
(Creepage)
to output terminals
Min. Internal Plastic Gap
0.08
mm
Through insulation distance
(Clearance)
conductor to conductor
Tracking Resistance
CTI
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group (per DIN VDE 0109)
IIIa
Material Group DIN VDE 0109


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn