Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIG065E8 Datasheet(PDF) 5 Page - ON Semiconductor

Part # TIG065E8
Description  N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIG065E8 Datasheet(HTML) 5 Page - ON Semiconductor

  TIG065E8 Datasheet HTML 1Page - ON Semiconductor TIG065E8 Datasheet HTML 2Page - ON Semiconductor TIG065E8 Datasheet HTML 3Page - ON Semiconductor TIG065E8 Datasheet HTML 4Page - ON Semiconductor TIG065E8 Datasheet HTML 5Page - ON Semiconductor TIG065E8 Datasheet HTML 6Page - ON Semiconductor TIG065E8 Datasheet HTML 7Page - ON Semiconductor TIG065E8 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TIG065E8
No. A1862-5/8
Definition of dv/dt
dv/dt is defined as the maximum slope of the below VCE curve during turn-off period.
dv/dt=ΔVCE/Δt=ΔVCE/100ns
Overall waveform
Enlarged picture of turn-off period
Definition of Switching Time
VGE
VCE
IC
VGE:10%
VCE:90%
VGE:90%
VCE:10%
VCE:10%
td(on)
td(off)
tr
tf
IC:90%
IC:10%
IT15324
t
t
t
V,I
VCE
IC
ICP
Turn off IC
t
Turn-off period
Δt=100ns
IC
VCE
ΔVCE
IT15323
Turn off VCE


Similar Part No. - TIG065E8

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TIG065E8 SANYO-TIG065E8 Datasheet
136Kb / 6P
   Light-Controlling Flash Applications
TIG065E8-TL-H SANYO-TIG065E8-TL-H Datasheet
188Kb / 8P
   N-Channel IGBT Light-Controlling Flash Applications
TIG065E8 SANYO-TIG065E8_12 Datasheet
188Kb / 8P
   N-Channel IGBT Light-Controlling Flash Applications
More results

Similar Description - TIG065E8

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JT015N065FED JSMC-JT015N065FED Datasheet
309Kb / 6P
   N-CHANNEL IGBT
logo
ON Semiconductor
NGTB30N60L2WG ONSEMI-NGTB30N60L2WG Datasheet
765Kb / 8P
   N-Channel IGBT
August, 2014
NGTG12N60TF1G ONSEMI-NGTG12N60TF1G Datasheet
395Kb / 7P
   N-Channel IGBT
October, 2013
TIG074E8 ONSEMI-TIG074E8 Datasheet
78Kb / 6P
   N-Channel IGBT
TIG056BF ONSEMI-TIG056BF Datasheet
223Kb / 6P
   N-Channel IGBT
July, 2013
NGTB10N60FG ONSEMI-NGTB10N60FG Datasheet
406Kb / 6P
   N-Channel IGBT
April, 2014
NGTG20N60L2TF1G ONSEMI-NGTG20N60L2TF1G Datasheet
403Kb / 7P
   N-Channel IGBT
September, 2013
TIG058E8 ONSEMI-TIG058E8 Datasheet
380Kb / 7P
   N-Channel IGBT
September, 2013
NGTB20N60L2TF1G ONSEMI-NGTB20N60L2TF1G Datasheet
444Kb / 8P
   N-Channel IGBT
August, 2013
logo
Fairchild Semiconductor
SGH23N60UF FAIRCHILD-SGH23N60UF Datasheet
246Kb / 7P
   N-CHANNEL IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com