Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK673-011-E Datasheet(PDF) 8 Page - ON Semiconductor

Part # STK673-011-E
Description  3-Phase Stepping Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK673-011-E Datasheet(HTML) 8 Page - ON Semiconductor

Back Button STK673-011-E Datasheet HTML 4Page - ON Semiconductor STK673-011-E Datasheet HTML 5Page - ON Semiconductor STK673-011-E Datasheet HTML 6Page - ON Semiconductor STK673-011-E Datasheet HTML 7Page - ON Semiconductor STK673-011-E Datasheet HTML 8Page - ON Semiconductor STK673-011-E Datasheet HTML 9Page - ON Semiconductor STK673-011-E Datasheet HTML 10Page - ON Semiconductor STK673-011-E Datasheet HTML 11Page - ON Semiconductor STK673-011-E Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
STK673-011-E
No.A1137-8/15
(3) Heat Radiation Design
Heat radiation design for reducing the operation substrate temperature of the hybrid IC is effective in enhancing the
quality of the hybrid IC.
The size of a heat sink varies depending on the average power loss Pd in the hybrid IC. As shown in Figure 6 on
page 13, Pd increases in accordance with the increase of the output current.
Since the starting current and the stationary current coexist in an actual motor operation, Pd cannot be obtained only
from the data shown in Figure 6. Therefore, Pd is obtained assuming that the timing of the actual motor operation is
a repeated operation shown in the following Figure 3.
Figure 3. Timing Chart of Motor Operation
The average power loss Pd in the hybrid IC upon an operation shown in Figure 3 can be obtained by the following
equation (II):
Pd = (T1
× P1 + T1 × P2 + T3 × P3 + T4 × P4) ÷ T0 (II)
When the value obtained by the above equation (II) is equal to or less than 3.4W and the ambient temperature Ta is
equal to or lower than 60°C, there is no need of providing a heat sink.
Refer to Figure 7 for data of the operation substrate temperature when no heat sink is used.
The size of the heat sink can be decided depending on
θc-a obtained by the following equation (III) and from Figure 8.
θc-a = (Tc max – Ta) ÷ Pd
(III)
where Tc max: Maximum operation substrate temperature = 105
°C
Ta: Ambient temperature of hybrid IC
Although heat radiation design can be realized by following the above equations (II) and (III), make sure to check that
the substrate temperature Tc is equal to or lower than 105
°C after mounting the hybrid IC into a set.
ITF00811
Positive rotation
current
Reverse rotation
current
T1
T1: Starting time of positive rotation
T2: Stationary time of positive rotation
T3: Starting time of reverse rotation
T4: Stationary time of reverse rotation
T0: One cycle time of repeated motor
operation
P1: Pd of IO1
P2: Pd of IO2
P3: Pd of IO3
P4: Pd of IO4
IO1
IO2
IO3
T2
T0
T3
T4
0
IO4


Similar Part No. - STK673-011-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK673-011-E SANYO-STK673-011-E Datasheet
131Kb / 15P
   Thick-Film Hybrid IC 3-Phase Stepping Motor Driver
More results

Similar Description - STK673-011-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com